Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN795 Arkusz danych(PDF) 2 Page - Microchip Technology

Numer części AN795
Szczegółowy opis  Voltage-to-Frequency/Frequency-to-Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN795 Arkusz danych(HTML) 2 Page - Microchip Technology

  AN795 Datasheet HTML 1Page - Microchip Technology AN795 Datasheet HTML 2Page - Microchip Technology AN795 Datasheet HTML 3Page - Microchip Technology AN795 Datasheet HTML 4Page - Microchip Technology AN795 Datasheet HTML 5Page - Microchip Technology AN795 Datasheet HTML 6Page - Microchip Technology AN795 Datasheet HTML 7Page - Microchip Technology AN795 Datasheet HTML 8Page - Microchip Technology AN795 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AN795
© 2002 Microchip Technology, Inc.
DS00795A-page 2
MOTOR SPEED CONTROL
The motor's speed is measured with the F/V converter, which converts RPM into a proportional voltage. This voltage is used in a
negative feedback system to maintain the motor at the controlled setting.
Motor
Speed
Set
TC9400
F/V
Op
Amp
Pulse Type
Tachometer
(Optical or
Magnetic)
V+
FIGURE 3: Motor speed control.
PROPORTIONAL FLOW-RATE CONTROLLER
A TC9400 F/V converter can be used to regulate the amount of liquid or gas flowing through a pipeline. The flow-rate detector generates
a pulse train whose frequency is proportional to the rate of flow through it. The F/V converts this frequency to a proportional analog
voltage which is used to drive the valve controller. The valve controller regulates the valve so that the flow is steady, even though
pipeline pressure goes up and down. A voltmeter connected to the F/V converter output will indicate the actual instantaneous flow rate.
Flow Rate
Meter
Pulse Output
Flow
Set
Valve
Flow Rate
Detector
TC9400
F/V
Valve
Controller
FIGURE 4: Proportional flow-rate controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15