| Zakładka z wyszukiwarką danych komponentów |
|
TDA7265SA Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7265SA Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 12 page ![]() 3/12 TDA7265SA (*) In mute condition the current drawn from Pin 5 must be ≤650µA Table 4. Electrical Characteristcs (Refer to the test circuit VS = ±17.5V; RL = 8Ω; RS = 50Ω; GV = 30dB, f = 1KHz; Tamb = 25°C, unless otherwise specified) Symbol Parameter Test Condition Min. Typ. Max. Unit VS Supply Voltage Range ±5 ±25 V Iq Total Quiescent Current 80 130 mA VOS Input Offset Voltage -20 20 mV Ib Non Inverting Input Bias Current 500 nA PO Output Power THD = 10%; RL = 8Ω; VS = ±13V; RL = 4Ω; 18 18 W W THD = 1%; RL = 8Ω; VS = ±13V; RL = 4Ω; 13 13 W W THD Total Harmonic Distortion RL = 8Ω; PO = 1W; f = 1KHz; 0.03 % RL = 8Ω; PO = 0.1 to 5W; f = 100Hz to 15KHz; 0.7 % RL = 4Ω; PO = 1W; f = 1KHz; 0.02 % RL = 4Ω; VS = ±10V; PO = 0.1 to 5W; f = 100Hz to 15KHz; 1% CT Cross Talk f = 1KHz; f = 10KHz; 70 60 dB dB SR Slew Rate 6.5 10 V/ µs GOL Open Loop Voltage Gain 80 dB eN Total Output Noise A Curve f = 20Hz to 22KHz 3 48 µV µV Ri Input Resistance 15 20 K Ω SVR Supply Voltage Rejection (each channel) f = 100Hz; VR = 0.5V 60 dB Tj Thermal Shut-down Junction Temperature 145 °C MUTE FUNCTION [ref +VS] (*) VMUTE Mute /Play threshold -7 -6 -5 V AMUTE Mute Attenuation 60 70 dB STAND-BY FUNCTIONS [ref: +VS] (only for Split Supply) VST-BY Stand-by Mute threshold -3.5 -2.5 -1.5 V AST-BY Stand-by Attenuation 110 dB IqST-BY Quiescent Current @ Stand-by 3 6 mA |