| Zakładka z wyszukiwarką danych komponentów |
|
PEX8616 Arkusz danych(PDF) 3 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8616 Arkusz danych(HTML) 3 Page - PLX Technology |
|
3 / 4 page ![]() Preliminary - PLX Confidential x4 x4 CPU CPU CPU CPU CPU CPU CPU CPU PEX 8616 PEX 8616 PEX 8616 PEX 8616 x4 Memory Memory Memory Memory x16 x16 x4 Chipset Chipset Chipset Chipset Endpoint Endpoint Endpoint Endpoint PCIe Gen1 or PCIe Gen2 slots Endpoint Endpoint Endpoint Endpoint Figure 3. Fan-in/out Usage Network Interface Cards The PEX 8616 can also be utilized in communications applications such as Network Interface Cards (NICs). NICs, like the one shown in Figure 4, can utilize the PEX 8616 for its fan-out capabilities. In the example below, the PEX 8616 is being used on a Dual-port 10- Gigabit Ethernet (GE) NIC card. The PEX 8616 utilizes a x8 link to connect to the host and two x4 downstream links to fan-out to the 10GE ports. The peer-to-peer communication feature of the PEX 8616 allows the endpoints to communicate with each other without any intervention or management by the host. 10 GE 10 GE MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY x8 x4 x4 Dual-Port NIC Dual-Port NIC PEX 8616 PEX 8616 PEX 8616 PEX 8616 Figure 4. 10GE NIC Fan-Out Host Bus Adapters The PEX 8616 is well suited for Host Bus Adapter cards (HBAs) as well. Figure 5 shows a Quad-Port Fibre Channel HBAs utilizing the PEX 8616 to allow connectivity to two Fibre Channel (FC) controllers. The PEX 8616 uses a x8 link on the upstream port and two x4 downstream links to fan-out to the FC Controllers Each FC controller supports two FC ports. x8 x4 x4 Quad-Port FC HBA Quad-Port FC HBA PEX 8616 PEX 8616 PEX 8616 PEX 8616 FC FC FC Cont. FC Cont. FC Cont. FC Cont. FC FC FC Cont. FC Cont. FC Cont. FC Cont. Figure 5. Quad-Port Fibre-Channel HBA Failover Storage Systems The PEX 8616’s Dual Cast feature proves to be very useful in storage systems. In the example shown in Figure 6, the Dual Cast feature enables the PEX 8616 to copy data coming from the host to two downstream ports (see yellow traffic patterns) in one transaction as opposed to having to execute two separate transactions to send data to the redundant chassis. By offloading the task of backing up data onto the secondary system, processor and system performance is enhanced. The PEX 8616’s NT port is used to isolate the backup system from the primary system. x4 CPU CPU CPU CPU CPU CPU CPU CPU Memory Memory Memory Memory Chipset Chipset Chipset Chipset CPU CPU CPU CPU CPU CPU CPU CPU PEX 8616 PEX 8616 PEX 8616 PEX 8616 x4 PEX 8616 PEX 8616 PEX 8616 PEX 8616 NT Memory Memory Memory Memory Chipset Chipset Chipset Chipset 8 Disk Chassis PEX 8616 PEX 8616 PEX 8616 PEX 8616 8 Disk Chassis FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control NT PEX 8616 PEX 8616 NT PEX 8616 PEX 8616 PEX 8616 PEX 8616 NT x4 x4 x4 x4 x4 x4 x4 x4 x4 Backup System Figure 6. Dual Cast in Storage Systems |