Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H563II Arkusz danych(PDF) 78 Page - STMicroelectronics

Numer części STM32H563II
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563II Arkusz danych(HTML) 78 Page - STMicroelectronics

Back Button STM32H563II Datasheet HTML 74Page - STMicroelectronics STM32H563II Datasheet HTML 75Page - STMicroelectronics STM32H563II Datasheet HTML 76Page - STMicroelectronics STM32H563II Datasheet HTML 77Page - STMicroelectronics STM32H563II Datasheet HTML 78Page - STMicroelectronics STM32H563II Datasheet HTML 79Page - STMicroelectronics STM32H563II Datasheet HTML 80Page - STMicroelectronics STM32H563II Datasheet HTML 81Page - STMicroelectronics STM32H563II Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 270 page
background image
-
-
12
F4
18
G3
-
-
12
F2
18
H2
-
PF2
I/O
FT_h
-
LPTIM3_CH2, LPTIM3_IN2,
I2C2_SMBA, UART12_TX,
USART11_CK, FMC_A2,
LPTIM5_IN1, EVENTOUT
-
-
-
13
G6
19
G2
-
-
13
F5
19
J2
-
PF3
I/O
FT_h
-
LPTIM3_IN1, USART11_TX,
FMC_A3, LPTIM5_IN2,
EVENTOUT
-
-
-
14
G5
20
G1
-
-
14
F1
20
J3
-
PF4
I/O
FT_h
-
LPTIM3_ETR, USART11_RX,
FMC_A4, EVENTOUT
-
-
-
15
G3
21
H3
-
-
15
F6
21
K3
-
PF5
I/O
FT_fh
-
LPTIM3_CH1, I2C4_SCL,
I3C1_SCL, UART12_RX,
USART11_CTS/USART11_NSS,
FMC_A5, LPTIM3_IN1,
EVENTOUT
-
H2
10
16
F2
22
G4
-
10
16
G2
22
F2
-
VSS
S
-
-
-
-
A7
11
17
G1
23
E4
-
11
17
G1
23
F3
-
VDD
S
-
-
-
-
-
-
18
G7
24
H1
-
-
18
G4
24
K2
-
PF6
I/O
FT_h
-
TIM16_CH1, SPI5_NSS,
SAI1_SD_B, UART7_RX,
OCTOSPI1_IO3, LPTIM5_CH1,
EVENTOUT
-
-
-
19
F1
25
K2
-
-
19
G3
25
K1
-
PF7
I/O
FT_h
-
TIM17_CH1, SPI5_SCK,
SAI1_MCLK_B, UART7_TX,
OCTOSPI1_IO2, LPTIM5_CH2,
EVENTOUT
-
-
-
20
G4
26
H2
-
-
20
G5
26
L3
-
PF8
I/O
FT_h
-
TIM16_CH1N, SPI5_MISO,
SAI1_SCK_B,
UART7_RTS/UART7_DE,
TIM13_CH1, OCTOSPI1_IO0,
LPTIM5_IN1, EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com