Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM4203 Arkusz danych(PDF) 5 Page - Solid State Inc

Numer części SM4203
Szczegółowy opis  Miniature 4 pin SOP package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOLIDSTATE [Solid State Inc]
Strona internetowa  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SM4203 Arkusz danych(HTML) 5 Page - Solid State Inc

  SM4203 Datasheet HTML 1Page - Solid State Inc SM4203 Datasheet HTML 2Page - Solid State Inc SM4203 Datasheet HTML 3Page - Solid State Inc SM4203 Datasheet HTML 4Page - Solid State Inc SM4203 Datasheet HTML 5Page - Solid State Inc SM4203 Datasheet HTML 6Page - Solid State Inc SM4203 Datasheet HTML 7Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 5 of 7
SM4203 /TR
Rev 2.00 (11/12/2013)
001703
SM4203
Optically Coupled
MOSFET Driver
w/Discharge Circuit
SM4203 Packaging Specifications
Tape & Reel Specifications (T&R)
Note: All dimensions in millimeters [mm]
Specification
Symbol
Dimensions, mm ( inches )
Tape Width
W
12
 0.3 ( 0.47 )
Sprocket Hole Pitch
P0
4
 0.1 ( 0.15 )
Compartment Location
F
P2
5.5
 0.1 ( 0.217 )
2
 0.1 ( 0.079 )
Compartment Pitch
P1
8
 0.1 ( 0.315 )



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com