| Zakładka z wyszukiwarką danych komponentów |
|
CF1155 Arkusz danych(PDF) 1 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
CF1155 Arkusz danych(HTML) 1 Page - Nippon Precision Circuits Inc |
|
1 / 8 page ![]() CF1155 series SEIKO NPC CORPORATION —1 Melody LSIs OVERVIEW The CF1155 series are CMOS melody LSIs that, together with a battery and piezoelectric buzzer, operate in one of 3 melody modes determined by input level or bonding options. They also feature an oscillator stop func- tion in non-play mode and a variable pull-down resistance function that responds to input levels in order to reduce power consumption, reduce cost, and extend battery life, making them ideal in a wide range of applica- tions including greeting cards and toys. FEATURES I Requires few external components I 1.2 to 3.6V wide operating voltage range I Low power consumption I 3 melody modes (bonding option) I Oscillator stop function in non-play mode I Power saving pull-down resistor built-in I RC oscillator circuit I Power-ON initialization function I 2 VSS pad connections I Wide pitch dynamic range (G3 to D7) I Chip form ORDERING INFORMATION Device Package CF1155 Chip form |
Podobny numer części - CF1155 |
|
Podobny opis - CF1155 |