| Zakładka z wyszukiwarką danych komponentów |
|
SM5010FNDS Arkusz danych(PDF) 5 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5010FNDS Arkusz danych(HTML) 5 Page - Nippon Precision Circuits Inc |
|
5 / 25 page ![]() SM5010 series SEIKO NPC CORPORATION —5 FUNCTIONAL DESCRIPTION Standby Function 5010AH ×, AK×, AN×, BH×, BK×, BN×, DN×, FN×, FH×, HN×, HK× series When INHN goes LOW, the output on Q becomes high impedance, but internally the oscillator does not stop. 5010CL × series When INHN goes LOW, the oscillator stops and the oscillator output on Q becomes high impedance. 5010EA × series When INHN goes LOW, the oscillator stops and the oscillator output on Q becomes LOW. Power-saving Pull-up Resistor (CL series only) The INHN pull-up resistance changes in response to the input level (HIGH or LOW). When INHN goes LOW (standby state), the pull-up resistance becomes large to reduce the current consumption during standby. Version INHN Q Oscillator AH ×, AK×, AN×, BH×, BK ×, BN×, DN×, FH×, FH ×, HN×, HK× series HIGH (or open) Any fO, fO/2, fO/4, fO/8 or fO/16 output frequency Normal operation LOW High impedance Normal operation CL × series HIGH (or open) Any fO, fO/2, fO/4, fO/8 or fO/16 output frequency Normal operation LOW High impedance Stopped EA × series HIGH (or open) Either fO or fO/2 output frequency Normal operation LOW LOW Stopped |