| Zakładka z wyszukiwarką danych komponentów |
|
STDRIVEG611Q Arkusz danych(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDRIVEG611Q Arkusz danych(HTML) 20 Page - STMicroelectronics |
|
20 / 33 page ![]() Figure 15. Smart Shutdown timing waveforms tCINfilter SMART SHUTDOWN CIRCUIT OUTL or OUTH OD gate CIN the driver outputs are switched off disable time SD/OD 2 1 immediately after the comparator triggering LIN or HIN automatic off time FROM/TO CONTROLLER = _ / / _ ∙ = _ / / _ ∙ = _ _ + _ ∙ = _ _ + _ ∙ SD SD An approximation of the disable time is given by: Where: SD CINth tCINfilter tCIN-OUT (internal) Voff VSSD Vih t1 t2 FLT Hi-Z Hi-Z VCC ROD_ext COD SD/OD SMART SD LOGIC Fast shut down STDRIVEG611 Device description DS14457 - Rev 2 page 20/33 |