| Zakładka z wyszukiwarką danych komponentów |
|
STLM75DS2F Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLM75DS2F Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 37 page ![]() June 2007 Rev 7 1/37 1 STLM75 Digital temperature sensor and thermal watchdog Features ■ Measures temperatures from –55°C to +125°C (–67°F to +257°F) – ±2°C accuracy from –25°C to +100°C (max) ■ Low operating current: 125µA (typ) ■ No external components required ■ 2-Wire I2C/SMBus-compatible serial interface – Supports bus time-out feature – Selectable bus address allows connection of up to eight devices on the bus ■ Wide power supply range-operating voltage range: 2.7V to 5.5V ■ Conversion time is 150ms (max) ■ Programmable temperature threshold and hysteresis set points ■ Pin- and software-compatible with LM75 (Drop- in replacement) ■ Power-up defaults permit standalone operation as a thermostat ■ Shutdown mode to minimize power consumption ■ Output pin (open drain) can be configured for interrupt or comparator/thermostat mode (Dual Purpose Event Pin) ■ Packages: –SO8 – MSOP8 (TSSOP8)(a) a. Contact locat ST sales office for availability SO8 (M) MSOP8 (TSSOP8) (DS) www.st.com |
Podobny numer części - STLM75DS2F |
|
Podobny opis - STLM75DS2F |