Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS5VS-18A Arkusz danych(PDF) 2 Page - Powerex Power Semiconductors

Numer części FS5VS-18A
Szczegółowy opis  Nch POWER MOSFET HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWEREX [Powerex Power Semiconductors]
Strona internetowa  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FS5VS-18A Arkusz danych(HTML) 2 Page - Powerex Power Semiconductors

  FS5VS-18A Datasheet HTML 1Page - Powerex Power Semiconductors FS5VS-18A Datasheet HTML 2Page - Powerex Power Semiconductors FS5VS-18A Datasheet HTML 3Page - Powerex Power Semiconductors FS5VS-18A Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.1999
V
V
µA
mA
V
Ω
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
900
±30
—
—
2
—
—
3.0
—
—
—
—
—
—
—
—
—
—
—
—
—
3
2.15
4.30
5.0
1050
100
20
20
18
110
35
1.0
—
—
—
±10
1
4
2.80
5.60
—
—
—
—
—
—
—
—
1.5
1.0
ID = 1mA, VGS = 0V
IGS =
±100µA, VDS = 0V
VGS =
±25V, VDS = 0V
VDS = 900V, VGS = 0V
ID = 1mA, VDS = 10V
ID = 2A, VGS = 10V
ID = 2A, VGS = 10V
ID = 2A, VDS = 10V
VDS = 25V, VGS = 0V, f = 1MHz
VDD = 200V, ID = 2A, VGS = 10V,
RGEN = RGS = 50
Ω
IS = 2A, VGS = 0V
Channel to case
MITSUBISHI Nch POWER MOSFET
FS5VS-18A
HIGH-SPEED SWITCHING USE
V (BR) DSS
V (BR) GSS
IGSS
IDSS
VGS (th)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
0
4
8
12
16
20
0
1020304050
PD = 125W
VGS = 20V
TC = 25°C
Pulse Test
10V
5V
4V
0
40
80
120
160
200
0
200
50
100
150
10–1
3
5
7
100
2
3
5
7
2
3
7
5
101
2
3
101
35 7
2
102
35 7
2
103
35 7
3
2
TC = 25°C
Single Pulse
tw = 10
ms
10ms
100ms
100
ms
1ms
DC
0
4
8
12
16
20
0
1
2
3
4
5
VGS = 20V
TC = 25°C
Pulse Test
5V
10V
4.5V
4V
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
ELECTRICAL CHARACTERISTICS (Tch = 25
°C)
Drain-source breakdown voltage
Gate-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
PERFORMANCE CURVES



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com