| Zakładka z wyszukiwarką danych komponentów |
|
TMP93CS32F Arkusz danych(PDF) 128 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS32F Arkusz danych(HTML) 128 Page - Toshiba Semiconductor |
|
128 / 180 page ![]() TMP93CS32 2004-02-10 93CS32-126 3.9.3 Operational description (1) Mode 0 (I/O interface mode) This mode is used to increase the number of I/O pins of for transmitting or receiving data to or from the external shifter register. This mode includes SCLK output mode to output synchronous clock SCLK0 and SCLK input mode to input external synchronous clock SCLK0. Figure 3.9.15 Example of SCLK Output Mode Connection Figure 3.9.16 Example of SCLK Input Mode Connection Output extension TC74HC595 or the like A B SI C D SCK E F RCK G H TXD SCLK Port Shift register TMP93CS32 Input extension TC74HC165 or the like A B QH C D CLOCK E F S/ L G H RXD SCLK Port Shift register TMP93CS32 Output extension TC74HC595 or the like A B SI C D SCK E F RCK G H TXD SCLK Port Shift register TMP93CS32 Input port extension TC74HC165 or the like A B QH C D CLOCK E F S/ L G H RXD SCLK Port Shift register TMP93CS32 External clock External clock |