Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPSD3422EB40U6 Arkusz danych(PDF) 37 Page - STMicroelectronics

Numer części UPSD3422EB40U6
Szczegółowy opis  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Arkusz danych(HTML) 37 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 33Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 34Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 35Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 36Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 37Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 38Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 39Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 40Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 293 page
background image
uPSD34xx
Special function registers (SFR)
37/293
Note:
1
This SFR can be addressed by individual bits (Bit Address mode) or addressed by the entire
byte (Direct Address mode).
F7
RESERVED
F8
RESERVED
F9
CCON0
PLLM[4]
PLLEN
UPLLCE
DBGCE
CPU_
AR
CPUPS[2:0]
50
Table 22
FA
CCON1
PLLM[3:0]
PLLD[3:0]
00
FB
CCON2
–
–
–
PCA0CE
PCA0PS[3:0]
10
Table 94
FC
CCON3
–
–
–
PCA1CE
PCA1PS[3:0]
10
Table 95
FD
RESERVED
FE
RESERVED
FF
RESERVED
FE
RESERVED
FF
RESERVED
Table 5.
SFR memory map with direct address and reset value
Bit Name and <Bit Address>
76
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More