| Zakładka z wyszukiwarką danych komponentów |
|
ST72682R21 Arkusz danych(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72682R21 Arkusz danych(HTML) 22 Page - STMicroelectronics |
|
22 / 36 page ![]() Electrical characteristics ST72682 22/36 7.5 Clock and timing characteristics Subject to general operating conditions for VDD33, fOSC, and TA. 7.5.1 Crystal oscillator The Device internal clock is supplied from a crystal oscillator. All the information given in this paragraph are based on characterization results with specified typical external components. In the application the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output distortion and start-up stabilization time. Refer to the crystal manufacturer for more details (frequency, package, accuracy...). Figure 7. Typical application with a crystal 1. Depending on the crystal power dissipation, a serial resistor RsOscout may be added. Refer to the crystal manufacturer for more details. Table 14. Clock characteristics Symbol Parameter Conditions Min Typ Max Unit fOSC Oscillator frequency 12 MHz CKACC Total crystal oscillator accuracy Absolute value + temperature + aging ±60 ppm α OSC Crystal oscillator duty cycle(1) 1. The crystal oscillator duty cycle has to be adjusted through the two CL capacitors. Refer to the crystal manufacturer for more details. 45 50 55 % Table 15. Typical CL and RS values by crystal Supplier Typical Crystal CL (pF) RSOSCOUT ( Ω) NDK AT51 or AT41 16 560 OSCOUT OSCIN CL CL Device CRYSTAL RSOSCOUT (1) VDDA |