| Zakładka z wyszukiwarką danych komponentów |
|
NT76CSCD100VC Arkusz danych(PDF) 2 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
NT76CSCD100VC Arkusz danych(HTML) 2 Page - DB Lectro Inc |
|
2 / 2 page ![]() 22.3 16.6 11 E9930952E01 E160644 R2033977 Patent NO.:99206684.0 Super light in weight. High sensitivity. Switching capacity up to 16A. PC board mounting. Ordering Information NT76 C S DC12V C 0.2 1 2 3 4 5 6 1 Part number NT76 2 Contact arrangement A:1A C:1C 3 Enclosure S: Sealed type Z: Dust cover 4 Coil rated voltage(V) DC:5,6,9,12,18,24,48,100 5 Contact material C: AgCdO S: AgSnO In O 223 6 Coil power consumption 0.2:0.2W 0.25:0.25W 0.45:0.45W 0.6:0.6W Contact Data Contact Arrangement 1A SPSTNO 1C SPDT(B-M) Contact Material AgCdO AgSnO InO 22 3 Contact Rating (resistive) 1A: 16A/250VAC, 30VDC;1C: NO:16A/250VAC, 30VDC NC:10A/250VAC,30VDC T V 16A/250VAC,14VDC Max. Switching Power 300W 2500VA Max. Switching Voltage 110VDC 380VAC Max. Switching Current:16A Contact Resistance or Voltage drop 50m Item 3.12 of IEC255-7 5 Operation Electrical 10 Item 3.30 of IEC255-7 al 7 life Mechanical 10 Item 3.31 of IEC255-7 Coil Parameter Dash numbers Coil voltage VDC Coil resistance 10% Pickup voltage VDC(max) (75%of rated voltage ) Release voltage VDC(min) (5% of rated voltage) Coil power consumption W Operate Time ms Release Time ms Rated Max. 005-200 5 6.5 125 3.75 0.25 006-200 6 7.8 180 4.50 0.30 009-200 9 11.7 405 6.75 0.45 012-200 12 15.6 720 9.00 0.60 018-200 18 23.4 1620 13.5 0.90 024-200 24 31.2 2880 18.0 1.20 048-250 48 52.8 9216 38.4 2.40 005-450 5 6.5 56 3.75 0.25 006-450 6 7.8 80 4.50 0.30 009-450 9 11.7 180 6.75 0.45 012-450 12 15.6 320 9.00 0.60 018-450 18 23.4 720 13.5 0.90 024-450 24 31.2 1280 18.0 1.20 048-450 48 52.8 5120 38.4 2.40 100-600 100 130 16600 80.0 10.0 0.20 10 5 0.25 10 5 0.45 10 5 0.6 10 5 CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. Features NT76 C US R Operation condition Insulation Resistance 100M min (at 500VDC) Item 7 of IEC255-5 Dielectric Strength Between contacts Between contact and coil 50Hz 750V Item 6 of IEC255-5 50Hz 1500V Item 6 of IEC255-5 2 Shock resistance 100m/s 11ms IEC68-2-27 Test Ea Vibration resistance 10~55Hz double amplitude 1.5mm IEC68-2-6 Test Fc Terminals strength 10N IEC68-2-21 Test Ua1 Solderability 235 2 3 0.5s IEC68-2-20 Test Ta method 1 Ambient Temperature -40~85 Relative Humidity 85% (at 20 ) IEC68-2-3Test Ca Mass 10g Qualification inspection: Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. Safety approvals Safety approval UL&CUR T V CQC Load 1A 16A/250VAC 1C 10A/250VAC 16A/250VAC;14VDC 16A/250VAC Dimensions Dimensions Mounting (Bottom view) Wiring diagram (Bottom view) NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only. Reference Data NT76 22.3max. 16.6max. 2.3 2-1.1 0.3 0.4 1.1 2- 0.6 17.78 10.16 (7.62) 2- 0.9 3- 1.3 1A 1C U 04001010695 mm /inch 0.878max. 0.653max. 0.091 0.043 0.012 0.016 0.043 0.024 0.400 0.300 0.700 0.035 0.700 Ningbo Huaguan Relay Corporation LTD. NHG RELAYS |