Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AX6901HA Arkusz danych(PDF) 1 Page - AXElite technology co. ltd

Numer części AX6901HA
Szczegółowy opis  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXELITE [AXElite technology co. ltd]
Strona internetowa  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6901HA Arkusz danych(HTML) 1 Page - AXElite technology co. ltd

  AX6901HA Datasheet HTML 1Page - AXElite technology co. ltd AX6901HA Datasheet HTML 2Page - AXElite technology co. ltd AX6901HA Datasheet HTML 3Page - AXElite technology co. ltd AX6901HA Datasheet HTML 4Page - AXElite technology co. ltd AX6901HA Datasheet HTML 5Page - AXElite technology co. ltd AX6901HA Datasheet HTML 6Page - AXElite technology co. ltd AX6901HA Datasheet HTML 7Page - AXElite technology co. ltd AX6901HA Datasheet HTML 8Page - AXElite technology co. ltd AX6901HA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Mar. 21, 2011
AX6901/2/3/4
3-Pin Microprocessor Reset Circuits
GENERAL DESCRIPTION
TheAX6901/2/3/4 is used for microprocessor (µP) supervisory circuits to monitor the
power supplies in µP and digital systems. They provide excellent circuit reliability and low
cost by eliminating external components and adjustments when used with +5V, +3.3V, +3.0V,
+2.5V powered circuits.
These circuits perform a single function: they assert a reset signal whenever the VCC
supply voltage declines below a preset threshold, keeping it asserted for at least 200ms
after VCC has risen above the reset threshold. Reset thresholds suitable for operation with
a variety of supply voltages are available. TheAX6901/2/3/4 has push pull outputs.
TheAX6901/3 has an active low
RESET output, while theAX6902/4 has an active high
RESET output. The reset comparator is designed to ignore fast transients on VCC, and the
outputs are guaranteed to be in the correct logic state for VCC down to 1.0V. Low supply
current makes theAX6901/2/3/4 ideal for use in portable equipment. TheAX6901/2/3/4 is
available in a 3-pin SOT23 and SC70 package.
FEATURES
- Precision Monitoring of +2.5,+3V, +3.3V, and +5V Power-Supply Voltages
- Fully Specified Over Temperature
- Available in Three Output Configurations
- Push-Pull
RESET Low Output(AX6901/3)
- Push-Pull RESET High Output(AX6902/4
- 200ms (Typ.)min Power-On Reset Pulse Width
- 25µA Supply Current
- Guaranteed Reset Valid to VCC = +1.0V
- Power Supply Transient Immunity
- No External Components
- Available in the 3-Pin Pb-Free SOT-23 and SC70 Package
BLOCK DIAGRAM
VREF
Delay
Circuit
RESET
/ RESET
GND
VCC
+
-
P-MOS
N-MOS


Podobny numer części - AX6901HA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AXElite technology co. ...
AX6901HR AXELITE-AX6901HR Datasheet
484Kb / 10P
3-Pin Microprocessor Reset Circuits
Rev.2.1 Nov.14, 2019
AX6901HRA AXELITE-AX6901HRA Datasheet
484Kb / 10P
3-Pin Microprocessor Reset Circuits
Rev.2.1 Nov.14, 2019
More results

Podobny opis - AX6901HA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
3-Pin Microprocessor Reset Circuits
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Fitipower Integrated Te...
FP6809 FITIPOWER-FP6809 Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com