Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AX6901IA Arkusz danych(PDF) 7 Page - AXElite technology co. ltd

Numer części AX6901IA
Szczegółowy opis  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXELITE [AXElite technology co. ltd]
Strona internetowa  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6901IA Arkusz danych(HTML) 7 Page - AXElite technology co. ltd

Back Button AX6901IA Datasheet HTML 2Page - AXElite technology co. ltd AX6901IA Datasheet HTML 3Page - AXElite technology co. ltd AX6901IA Datasheet HTML 4Page - AXElite technology co. ltd AX6901IA Datasheet HTML 5Page - AXElite technology co. ltd AX6901IA Datasheet HTML 6Page - AXElite technology co. ltd AX6901IA Datasheet HTML 7Page - AXElite technology co. ltd AX6901IA Datasheet HTML 8Page - AXElite technology co. ltd AX6901IA Datasheet HTML 9Page - AXElite technology co. ltd AX6901IA Datasheet HTML 10Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Mar. 21, 2011
AX6901/2/3/4
TYPICAL CHARACTERISTICS
2.9
2.91
2.92
2.93
2.94
2.95
2.96
-50
-25
0
25
50
75
100
Temperature (℃)
Temperature Vs Threshold Voltage
VTH=2.93V
150
160
170
180
190
200
210
220
230
240
250
-50
-25
0
25
50
75
100
Temperature (℃)
Temperature Vs Reset Active Timeout Period
20
22
24
26
28
30
32
34
-50
-25
0
25
50
75
100
Temperature (℃)
Temperature Vs Supply Current
VTH=2.93V
20
22
24
26
28
30
32
34
2.25
2.63
2.93
3.08
4
4.38
4.63
Threshold Voltage (V)
Threshold Voltage Vs Supply Current
VCC=VTH+1V
0
5
10
15
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
Temperature Vs Power-Down Reset Delay
Temperature (℃)
VTH=2.25V
VOD=VTH-VCC
VOD=50mV
VOD=100mV
VOD=200mV
0
5
10
15
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
Temperature Vs Power-Down Reset Delay
Temperature (℃)
VTH=2.93V
VOD=VTH-VCC
VOD=100mV
VOD=50mV
VOD=200mV
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
Temperature Vs Power-Down Reset Delay
Temperature (℃)
VTH=4.63V
VOD=VTH-VCC
VOD=50mV
VOD=200mV
VOD=100mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com