| Zakładka z wyszukiwarką danych komponentów |
|
CS650-DS Arkusz danych(PDF) 1 Page - Campbell Scientific United Kingdom |
|
|
|||||||||||||||||||||||||||||
CS650-DS Arkusz danych(HTML) 1 Page - Campbell Scientific United Kingdom |
|
1 / 3 page ![]() COMPONENT CS650/CS655 Soil Water Content Reflectometers Overview The CS650/CS655 Soil Water Content Reflectometers use innovative techniques to monitor soil volumetric water content, bulk electrical conductivity, and temperature. The probe consists of two 30-cm-long (for CS650) and two 12-cm-long (for CS655) stainless steel rods connected to a printed circuit board. The circuit board is encapsulated in epoxy and a shielded cable is attached to the circuit board for datalogger connection. www.campbellsci.eu/cs650_655 More info: +44(0) 1509 828 888 Measures soil values Using innovative techniques 80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA Benefits and Features Measures the following soil values: - volumetric water content - bulk electrical conductivity (EC) - soil temperature - dielectric permittivity SDI-12 output Serial connection for sensor configuration Robust water content measurement even with high bulk EC Larger sample volume reduces error from spatial variability of measured parameters Measurement corrected for effects of soil texture and electrical conductivity Measurement Method The CS650/CS655 measures propagation time, signal attenuation, and temperature. Dielectric permittivity, volumetric water content, and bulk electric conductivity are then derived from these raw values. Measured signal attenuation is used to correct for the loss effect on reflection detection and thus propagation time measurement. This loss-effect correction allows accurate water content measurements in soils with bulk EC ≤3 dS m-1 (CS650) or ≤8 dS m-1 (CS655) without performing a soil specific calibration. Soil bulk electrical conductivity is also calculated from the attenuation measurement. A thermistor in thermal contact with a probe rod near the epoxy surface measures temperature. Horizontal installation of the sensor provides accurate soil temperature measurement at the same depth as the water content. Temperature measurement in other orientations will be that of the region near the rod entrance into the epoxy body. Common applications of the CS650/CS655 include irrigation scheduling, soil-water transport and flow studies, soil-water model validation, and soil-water balance analyses. It can also be used to compare the effects of varying soil conditions on a plant’s health. CS650 CS655 |
Podobny numer części - CS650-DS |
|
Podobny opis - CS650-DS |