| Zakładka z wyszukiwarką danych komponentów |
|
NT90THCSDC18VC Arkusz danych(PDF) 4 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
NT90THCSDC18VC Arkusz danych(HTML) 4 Page - DB Lectro Inc |
|
4 / 5 page ![]() 5.4 8 32.4 0.75 2-0.8 1.5 3-6.4 0.8 2-? 0.8 1.2X1.2 Dash numbers Coil voltage V Coil resistance 10% Pick up voltage VDC(max) (75% of rated voltage) Release voltage VDC(min) (10% of rated voltage) Coil power W Operate Time ms Release Time ms Rated Max. CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. Operation condition Insulation Resistance 1000M min (at 500VDC) Item 7 of IEC255-5 Dielectric Strength Between contacts 50Hz 1500V Item 6 of IEC255-5 Between contact and coil 50Hz 2500V Item 6 of IEC255-5 2 Shock resistance 200m/s 11ms IEC68-2-27 Test Ea Vibration resistance 10~55Hz double amplitude 1.5mm IEC68-2-6 Test Fc Terminals strength 10N IEC68-2-21 Test Ua1&Ua2 Solderability 235 2 3 0.5s IEC68-2-20 Test Ta method 1 Ambient Temperature -55~100 -55~125 Relative Humidity 85% (at 40 ) IEC68-2-3 Test Ca Mass 31g Low profile type 35g Qualification inspection: Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. Coil Parameter DC Coil Parameter 0.9 15 10 0.6 15 10 003-900 3 3.9 10 2.25 0.3 005-900 5 6.5 28 3.75 0.5 006-900 6 7.8 40 4.50 0.6 009-900 9 11.7 90 6.75 0.9 012-900 12 15.6 160 9.00 1.2 015-900 15 19.5 250 10.25 1.5 018-900 18 23.4 360 13.50 1.8 024-900 24 31.2 640 18.00 2.4 048-900 48 62.4 2560 36.00 4.8 110-900 110 143 13445 82.50 11.0 003-600 3 3.9 15 2.25 0.3 005-600 5 6.5 42 3.75 0.5 006-600 6 7.8 60 4.50 0.6 009-600 9 11.7 135 6.75 0.9 012-600 12 15.6 240 9.00 1.2 015-600 15 19.5 375 10.25 1.5 018-600 18 23.4 540 13.50 1.8 024-600 24 31.2 960 18.00 2.4 048-600 48 62.4 3840 36.00 4.8 110-600 110 143 20167 82.50 11.0 121 Dimensions NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only. NT90T (T91) NT90T Wiring diagram(Bottom view) Mounting (Bottom view) NT90T NC NC COM mm /inch 1.275max. 0.315 0.029 0.213 0.047 0.047 0.031 0.059 0.252 0.031 0.031 0.213 0.029 1.275Max. 0.315 0.031 0.059 0.031 0.047 0.047 32.4 3-0.8 6 7.7 12.3 1.275max. 0.031 0.484 0.303 32.4 3-0.8 NT90T 2 Dimensions NT90T 2 COM NO NC Wiring diagram(Top view) 0.031 1.275max. 0.606 0.303 0.083 0.043 0.1 Max. Max. Max. Ningbo Huaguan Relay Corporation LTD. 32.4Max. 8 5.4 0.75 2- 0.8 1.2 1.2 2-0.8 1.5 |