| Zakładka z wyszukiwarką danych komponentów |
|
KP2G220KT Arkusz danych(PDF) 2 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
KP2G220KT Arkusz danych(HTML) 2 Page - DB Lectro Inc |
|
2 / 13 page ![]() KP Series WV F 6.3 10 16 25 35 50 0.1 4 x 5.4 1.0 0.22 4 x 5.4 2.0 0.33 4 x 5.4 2.8 0.47 4 x 5.4 4.0 1 4 x 5.4 8.4 2.2 4 x 5.4 8.4 5 x 5.4 13 3.3 5 x 5.4 12 5 x 5.4 16 5 x 5.4 17 4.7 4 x 5.4 12 5 x 5.4 16 5 x 5.4 18 6.3 x 5.4 20 10 4 x 5.4 17 5 x 5.4 23 6.3 x 5.4 18 6.3 x 5.4 29 22 5 x 5.4 28 6.3 x 5.4 33 6.3 x 5.4 37 33 6.3 x 5.4 37 6.3 x 5.4 41 6.3 x 5.4 49 47 6.3 x 5.4 45 Case size Ripple current Frequency 50Hz 120Hz 300Hz 1KHz 10KHz~ Coefficient 0.70 1.00 1.17 1.36 1.50 Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for your application, please contact us immediately for technical assistance before purchase. DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT Case size ∅D×L (mm), ripple current (mA rms) at 105°C 120Hz DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |