| Zakładka z wyszukiwarką danych komponentów |
|
KL2A331KT Arkusz danych(PDF) 2 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
KL2A331KT Arkusz danych(HTML) 2 Page - DB Lectro Inc |
|
2 / 13 page ![]() KL Series DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT Frequency 50Hz 120Hz 300Hz 1KHz 10KHz~ Coefficient 0.70 1.00 1.17 1.36 1.50 Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for your application, please contact us immediately for technical assistance before purchase. WV F 6.3 101625 10 4 x 5.8 18 5 x 5.8 27 22 4 x 5.8 22 5 x 5.8 30 5 x 5.8 30 6.3 x 5.8 44 33 5 x 5.8 35 5 x 5.8 36 6.3 x 5.8 48 6.3 x 5.8 50 47 5 x 5.8 38 6.3 x 5.8 50 6.3 x 5.8 50 6.3 x 7.7 63 100 6.3 x 5.8 69 6.3 x 7.7 81 6.3 x 7.7 81 8 x 10.5 116 150 6.3 x 7.7 85 8 x 10.5 125 8 x 10.5 125 10 x 10.5 320 220 6.3 x 7.7 120 8 x 10.5 141 10 x 10.5 216 10 x 10.5 320 330 8 x 10.5 290 10 x 10.5 290 10 x 10.5 290 10 x 10.5 450 470 10 x 10.5 320 10 x 10.5 320 10 x 10.5 320 680 10 x 10.5 320 10 x 10.5 320 1000 10 x 10.5 410 WV F 35 50 63 100 0.1 4x5.8 1.0 0.22 4x5.8 2.6 0.33 4x5.8 3.2 0.47 4x5.8 5 1 4x5.8 8 2.2 4x5.8 12 3.3 4 x 5.8 17 6.3 x 7.7 30 4.7 4 x 5.8 16 5 x 5.8 22 8 x 10.5 50 10 5 x 5.8 27 6.3 x 5.8 32 6.3 x 7.7 45 8 x 10.5 55 22 6.3 x 5.8 44 6.3 x 7.7 58 8 x 10.5 65 10 x 10.5 70 33 6.3 x 7.7 57 8 x 10.5 140 10 x 10.5 80 10 x 10.5 80 47 8 x 10.5 92 10 x 10.5 310 10 x 10.5 90 100 10 x 10.5 151 10 x 10.5 310 150 10 x 10.5 290 220 10 x 10.5 375 Case size Ripple current Case size D L(mm), ripple current (mA rms) at 105 C 120Hz DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |