| Zakładka z wyszukiwarką danych komponentów |
|
SC1V221LT Arkusz danych(PDF) 2 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
SC1V221LT Arkusz danych(HTML) 2 Page - DB Lectro Inc |
|
2 / 13 page ![]() SC Series DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT 6.3 10 16 WV F Case size Max. E.S.R. R.C. Case size Max. E.S.R. R.C. Case size Max. E.S.R. R.C. 10 4 x 5.4 26 25 22 4 x 5.4 18 31 5 x 5.4 15 35 5 x 5.4 12 39 33 5 x 5.4 13 39 5 x 5.4 10 43 6.3 x 5.4 8 57 47 5 x 5.4 8.5 47 6.3 x 5.4 7.0 59 6.3 x 5.4 6 68 100 5 x 5.4 4.0 71 6.3 x 5.4 3.3 76 25 35 50 WV F Case size Max. E.S.R. R.C. Case size Max. E.S.R. R.C. Case size Max. E.S.R. R.C. 0.1 4 x 5.4 1660 1.0 0.22 4 x 5.4 754 2.3 0.33 4 x 5.4 503 3.5 0.47 4 x 5.4 353 5 1 4 x 5.4 166 10 2.2 4 x 5.4 75 15 3.3 4 x 5.4 50 18 4.7 4 x 5.4 50 19 4 x 5.4 42 20 5 x 5.4 35 23 10 5 x 5.4 23 28 5 x 5.4 20 30 6.3 x 5.4 17 34 22 6.3 x 5.4 11 52 6.3 x 5.4 9 54 33 6.3 x 5.4 7 63 Case size D L (mm), maximum E.S.R. ( ) at 20 C 120Hz, ripple current (mA rms) at 85 C 120Hz FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT Frequency ~50Hz 120Hz 300Hz 1KHz 10KHz~ Coefficient 0.70 1.00 1.17 1.36 1.50 Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for your application, please contact us immediately for technical assistance before purchase. DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |