Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LR645 Arkusz danych(PDF) 14 Page - Microchip Technology

Numer części LR645
Szczegółowy opis  High-Input Voltage SMPS, Start-up/Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Arkusz danych(HTML) 14 Page - Microchip Technology

Back Button LR645 Datasheet HTML 10Page - Microchip Technology LR645 Datasheet HTML 11Page - Microchip Technology LR645 Datasheet HTML 12Page - Microchip Technology LR645 Datasheet HTML 13Page - Microchip Technology LR645 Datasheet HTML 14Page - Microchip Technology LR645 Datasheet HTML 15Page - Microchip Technology LR645 Datasheet HTML 16Page - Microchip Technology LR645 Datasheet HTML 17Page - Microchip Technology LR645 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
 2015-2023 Microchip Technology Inc. and its subsidiaries
DS20005384B-page 14
LR645
BOTTOM VIEW
Microchip Technology Drawing C04-034-N5 Rev C Sheet 1 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
3-Lead Transistor Outline Package (Supertex N5) - [TO-220]
SIDE VIEW
TOP VIEW
E
2
0.381
B A
C
A
B
2X
12
N
SEATING
PLANE
0.355
B A
E
Q
D1
L1
D
L
A1
A
ØP
e
3X b2
3X b
A2
c
E1
(U)
(D2)
E2
END VIEW
H1
Supertex Legacy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24