| Zakładka z wyszukiwarką danych komponentów |
|
MCP2557FD Arkusz danych(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2557FD Arkusz danych(HTML) 7 Page - Microchip Technology |
|
7 / 36 page ![]() 2016 Microchip Technology Inc. DS20005533A-page 7 MCP2557FD/8FD 1.7.10 SILENT MODE INPUT PIN (S) This pin sets Normal or Silent mode. In Silent mode, the transmitter is off and the high-speed receiver is active. The CAN bus common mode voltage is VDD/2 when in Silent mode. The ‘S’ pin (pin 8) is connected to an internal MOS pull- up resistor to VDD or VIO, in the MCP2557FD or MCP2558FD, respectively. The value of the MOS pull- up resistor depends on the supply voltage. Typical val- ues are 660 k for 5V, 1.1 M for 3.3V and 4.4 M for 1.8V 1.7.11 EXPOSED THERMAL PAD (EP) It is recommended to connect this pad to VSS to enhance electromagnetic immunity and thermal resistance. |