| Zakładka z wyszukiwarką danych komponentów |
|
IL715 Arkusz danych(PDF) 5 Page - NVE Corporation |
|
|
|||||||||||||||||||||||||||||
IL715 Arkusz danych(HTML) 5 Page - NVE Corporation |
|
5 / 21 page ![]() IL715/IL716/IL717 5 NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617 (952) 829-9217 www.nve.com YouTube.com/NveCorporation iso-apps@nve.com IL717 Pin Connections 1 VDD1 Supply voltage 2 GND1 Ground return for VDD1* 3 IN1 Data in, channel 1 4 IN2 Data in, channel 2 5 IN3 Data in, channel 3 6 OUT4 Data out, channel 4 7 NC No connection 8 GND1 Ground return for VDD1* 9 GND2 Ground return for VDD2* 10 NC No connection 11 IN4 Data in, channel 4 12 OUT3 Data out, channel 3 13 OUT2 Data out, channel 2 14 OUT1 Data out, channel 1 15 GND2 Ground return for VDD2* 16 VDD2 Supply voltage *NOTE: Pins 2 and 8 are internally connected, as are pins 9 and 15. V DD1 GND 1 GND 2 OUT 2 OUT 3 OUT 1 IN 1 IN 2 IN 3 V DD2 IN 4 NC NC OUT 4 GND 1 GND 2 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 IL717 Timing Diagram Legend tPLH Propagation Delay, Low to High tPHL Propagation Delay, High to Low tPW Minimum Pulse Width tR Rise Time tF Fall Time |