Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M48Z35AV Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części M48Z35AV
Szczegółowy opis  5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35AV Arkusz danych(HTML) 5 Page - STMicroelectronics

  M48Z35AV Datasheet HTML 1Page - STMicroelectronics M48Z35AV Datasheet HTML 2Page - STMicroelectronics M48Z35AV Datasheet HTML 3Page - STMicroelectronics M48Z35AV Datasheet HTML 4Page - STMicroelectronics M48Z35AV Datasheet HTML 5Page - STMicroelectronics M48Z35AV Datasheet HTML 6Page - STMicroelectronics M48Z35AV Datasheet HTML 7Page - STMicroelectronics M48Z35AV Datasheet HTML 8Page - STMicroelectronics M48Z35AV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
M48Z35AV
Summary
5/24
1
Summary
The M48Z35AV ZEROPOWER® RAM is a 32Kbit x 8, non-volatile static RAM that integrates
power-fail deselect circuitry and battery control logic on a single die. The monolithic chip is
available in two special packages to provide a highly integrated battery backed-up memory
solution.
The M48Z35AV is a non-volatile pin and function equivalent to any JEDEC standard 32K x8
SRAM. It also easily fits into many ROM, EPROM, and EEPROM sockets, providing the
non-volatility of PROMs without any requirement for special WRITE timing or limitations on
the number of WRITEs that can be performed. The 28 pin 600mil DIP CAPHAT™ houses
the M48Z35AV silicon with a long life lithium button cell in a single package.
The 28-pin, 330mil SOIC provides sockets with gold plated contacts at both ends for direct
connection to a separate SNAPHAT® housing containing the battery. The unique design
allows the SNAPHAT battery package to be mounted on top of the SOIC package after the
completion of the surface mount process. Insertion of the SNAPHAT housing after reflow
prevents potential battery damage due to the high temperatures required for device surface-
mounting. The SNAPHAT housing is keyed to prevent reverse insertion.
The SOIC and battery packages are shipped separately in plastic anti-static tubes or in Tape
& Reel form.
For the 28-lead SOIC, the battery package (e.g., SNAPHAT) part number is “M4Z28-
BR00SH1.”
Figure 1.
Logic diagram
AI02781B
15
A0-A14
W
DQ0-DQ7
VCC
M48Z35AV
G
VSS
8
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24