Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASD50 Arkusz danych(PDF) 3 Page - Astrodyne Corporation

Numer części ASD50
Szczegółowy opis  Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD50 Arkusz danych(HTML) 3 Page - Astrodyne Corporation

  ASD50 Datasheet HTML 1Page - Astrodyne Corporation ASD50 Datasheet HTML 2Page - Astrodyne Corporation ASD50 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
a s d 5 0 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTROdYNE.COM
MECHaNICaL dIMENsIONs
Pin #
Function
1
+ Input
2
Remote On/Off
3
Case
4
- Input
5
- Output
6
- Sense
7
Trim
8
+ Sense
9
+ Output
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.



Html Pages

1 2 3