| Zakładka z wyszukiwarką danych komponentów |
|
ADIN1101BCPZ-R7 Arkusz danych(PDF) 48 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADIN1101BCPZ-R7 Arkusz danych(HTML) 48 Page - Analog Devices |
|
48 / 79 page ![]() Data Sheet ADIN1101 REGISTER SUMMARY analog.com Rev. A | 48 of 79 Table 53. Bit Descriptions for PMA_PMD_CNTRL2 Bits Bit Name Description Reset Access [15:7] RESERVED Reserved. 0x0 R [6:0] PMA_PMD_TYPE_SEL PMA/PMD Type Selection. See IEEE Standard 802.3. PMA_PMD_TYPE_SEL is used only when autonegotiation is disabled and forced link configuration mode is enabled. If autonegotiation is enabled, the PHY type is determined by the autonegotiation process itself. Note that for the ADIN1101, the only valid value for this bit field is for BASE-T1 PMA/PMD. 0x3D R/W 0000000: 10GBASE_CX4_PMA_PMD. 0000001: 10GBASE_EW_PMA_PMD. 0000010: 10GBASE_LW_PMA_PMD. 0000011: 10GBASE_SW_PMA_PMD. 0000100: 10GBASE_LX4_PMA_PMD. 0000101: 10GBASE_ER_PMA_PMD. 0000110: 10GBASE_LR_PMA_PMD. 0000111: 10GBASE_SR_PMA_PMD. 0001000: 10GBASE_LRM_PMA_PMD. 0001001: 10GBASE_T_PMA. 0001010: 10GBASE_KX4_PMA_PMD. 0001011: 10GBASE_KR_PMA_PMD. 0001100: 1000BASE_T_PMA_PMD. 0001101: 1000BASE_KX_PMA_PMD. 0001110: 100BASE_TX_PMA_PMD. 0001111: 10BASE_T_PMA_PMD. 0010000: 10_1GBASE_PRX_D1. 0010001: 10_1GBASE_PRX_D2. 0010010: 10_1GBASE_PRX_D3. 0010011: 10GBASE_PR_D1. 0010100: 10GBASE_PR_D2. 0010101: 10GBASE_PR_D3. 0010110: 10_1GBASE_PRX_U1. 0010111: 10_1GBASE_PRX_U2. 0011000: 10_1GBASE_PRX_U3. 0011001: 10GBASE_PR_U1. 0011010: 10GBASE_PR_U3. 0011011: RESERVED. 0011100: 10GBASE_PR_D4. 0011101: 10_1GBASE_PRX_D4. 0011110: 10GBASE_PR_U4. 0011111: 10_1GBASE_PRX_U4. 0100000: 40GBASE_KR4_PMA_PMD. 0100001: 40GBASE_CR4_PMA_PMD. 0100010: 40GBASE_SR4_PMA_PMD. 0100011: 40GBASE_LR4_PMA_PMD. 0100100: 40GBASE_FR_PMA_PMD. 0100101: 40GBASE_ER4_PMA_PMD. 0100110: 40GBASE_T_PMA. 0101000: 100GBASE_CR10_PMA_PMD. 0101001: 100GBASE_SR10_PMA_PMD. 0101010: 100GBASE_LR4_PMA_PMD. 0101011: 100GBASE_ER4_PMA_PMD. 0101100: 100GBASE_KP4_PMA_PMD. |