| Zakładka z wyszukiwarką danych komponentów |
|
AD8667ARMZ-R21 Arkusz danych(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8667ARMZ-R21 Arkusz danych(HTML) 9 Page - Analog Devices |
|
9 / 16 page ![]() AD8663/AD8667/AD8669 Rev. A | Page 9 of 16 1000 100 FREQUENCY (Hz) 1k 10k 100k 1M 10M 100 10 1 0.1 VSY = 5V TA = 25°C G = –100 G = –10 G = 1 Figure 23. Closed-Loop Output Impedance vs. Frequency, VSY = 5 V 100 FREQUENCY (Hz) 1k 10k 100k 1M 10M 90 80 70 60 50 40 30 20 10 0 –10 –20 VSY = 5V TA = 25°C PSSR+ PSSR– Figure 24. PSRR vs. Frequency, VSY = 5 V 10 CAPACITANCE (pF) 100 1k 80 70 60 50 40 30 20 10 0 VSY = 5V TA = 25°C OS+ OS– Figure 25. Small-Signal Overshoot vs. Load Capacitance, VSY = 5 V 1000 100 FREQUENCY (Hz) 1k 10k 100k 1M 10M 100 10 1 0.1 VSY = 16V TA = 25°C G = –100 G = –10 G = 1 Figure 26. Closed-Loop Output Impedance vs. Frequency, VSY = 16 V 100 FREQUENCY (Hz) 1k 10k 100k 1M 10M 90 80 70 60 50 40 30 20 10 0 –10 –20 VSY = 16V TA = 25°C PSSR+ PSSR– Figure 27. PSRR vs. Frequency, VSY = 16 V 10 CAPACITANCE (pF) 100 1k 80 70 60 50 40 30 20 10 0 VSY = 16V TA = 25°C OS+ OS– Figure 28. Small-Signal Overshoot vs. Load Capacitance, VSY = 16 V |