| Zakładka z wyszukiwarką danych komponentów |
|
ACT8945A Arkusz danych(PDF) 13 Page - Qorvo, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8945A Arkusz danych(HTML) 13 Page - Qorvo, Inc |
|
13 / 46 page ![]() Data Sheet Rev. G, January 2020 | Subject to change without notice 13 of 46 www.qorvo.com © 2020 Qorvo US, Inc. All rights reserved. ACT8945A Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors REGISTER AND BIT DESCRIPTIONS CONT’D OUTPUT ADDRESS BIT NAME ACCESS DESCRIPTION REG4 0x50 [7:6] - R Reserved. REG4 0x50 [5:0] VSET R/W Output Voltage Selection. See the Output Voltage Programming section for more information. REG4 0x51 [7] ON R/W Regulator Enable Bit. Set bit to 1 to enable the regulator, clear bit to 0 to disable the regulator. REG4 0x51 [6] DIS R/W Output Discharge Control. When activated, LDO output is discharged to GA through 1.5kΩ resistor when in shutdown. Set bit to 1 to enable output voltage discharge in shutdown, clear bit to 0 to disable this function. REG4 0x51 [5] LOWIQ R/W LDO Low-IQ Mode Control. Set bit to 1 for low-power operating mode, clear bit to 0 for normal mode. REG4 0x51 [4:2] DELAY R/W Regulator Turn-On Delay Control. See the REG4, REG5, REG6, REG7 Turn-on Delay section for more information. REG4 0x51 [1] nFLTMSK R/W Regulator Fault Mask Control. Set bit to 1 enable fault- interrupts, clear bit to 0 to disable fault-interrupts. REG4 0x51 [0] OK R Regulator Power-OK Status. Value is 1 when output voltage exceeds the power-OK threshold, value is 0 otherwise. REG5 0x54 [7:6] - R Reserved. REG5 0x54 [5:0] VSET R/W Output Voltage Selection. See the Output Voltage Programming section for more information. REG5 0x55 [7] ON R/W Regulator Enable Bit. Set bit to 1 to enable the regulator, clear bit to 0 to disable the regulator. REG5 0x55 [6] DIS R/W Output Discharge Control. When activated, LDO output is discharged to GA through 1.5kΩ resistor when in shutdown. Set bit to 1 to enable output voltage discharge in shutdown, clear bit to 0 to disable this function. REG5 0x55 [5] LOWIQ R/W LDO Low-IQ Mode Control. Set bit to 1 for low-power operating mode, clear bit to 0 for normal mode. REG5 0x55 [4:2] DELAY R/W Regulator Turn-On Delay Control. See the REG4, REG5, REG6 , REG7 Turn-on Delay section for more information. REG5 0x55 [1] nFLTMSK R/W Regulator Fault Mask Control. Set bit to 1 enable fault- interrupts, clear bit to 0 to disable fault-interrupts. REG5 0x55 [0] OK R Regulator Power-OK Status. Value is 1 when output voltage exceeds the power-OK threshold, value is 0 otherwise. REG6 0x60 [7:6] - R Reserved. REG6 0x60 [5:0] VSET R/W Output Voltage Selection. See the Output Voltage Programming section for more information. REG6 0x61 [7] ON R/W Regulator Enable Bit. Set bit to 1 to enable the regulator, clear bit to 0 to disable the regulator. REG6 0x61 [6] DIS R/W Output Discharge Control. When activated, LDO output is discharged to GA through 1.5kΩ resistor when in shutdown. Set bit to 1 to enable output voltage discharge in shutdown, clear bit to 0 to disable this function. REG6 0x61 [5] LOWIQ R/W LDO Low-IQ Mode Control. Set bit to 1 for low-power operating mode, clear bit to 0 for normal mode. REG6 0x61 [4:2] DELAY R/W Regulator Turn-On Delay Control. See the REG4, REG5, REG6, REG7 Turn-on Delay section for more information. REG6 0x61 [1] nFLTMSK R/W Regulator Fault Mask Control. Set bit to 1 enable fault- interrupts, clear bit to 0 to disable fault-interrupts. |