| Zakładka z wyszukiwarką danych komponentów |
|
NA-RTSM Arkusz danych(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
NA-RTSM Arkusz danych(HTML) 7 Page - Omron Electronics LLC |
|
7 / 20 page ![]() NYB 7 Soft-NA System Requirements *1. Since one port is for project transfer, it is not required unless the corresponding path is used. Note: Refer to NA-series catalog (Cat. No. V413) for the system configuration of Soft-NA. Product name Specifications Number of licenses Media Model Soft-NA The Soft-NA is software that displays information on FA manufacturing sites while providing safety, reliability, and maintainability as an industrial display on which operations can be performed as necessary. The Soft-NA runs on the following OS: Windows 10 Pro Version 1903 or later 64 bit − (Media only) DVD NA-RTSM 1 license USB dongle NA-RTLD01 3 licenses NA-RTLD03 10 licenses NA-RTLD10 Item Requirement OS Windows 10 Pro Version 1903 or later 64 bit Processor Intel Atom® x5-E3940 equivalent or higher processor RAM 4 GB or more Free space in the hard drive necessary for installation 1 GB or more Optical disk drive DVD-ROM drive Communication port USB USB2.0 Type-A x 2 *1 LAN Ethernet x 2 *1 |