Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7415CB Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części TDA7415CB
Szczegółowy opis  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 6Page - STMicroelectronics TDA7415CB Datasheet HTML 7Page - STMicroelectronics TDA7415CB Datasheet HTML 8Page - STMicroelectronics TDA7415CB Datasheet HTML 9Page - STMicroelectronics TDA7415CB Datasheet HTML 10Page - STMicroelectronics TDA7415CB Datasheet HTML 11Page - STMicroelectronics TDA7415CB Datasheet HTML 12Page - STMicroelectronics TDA7415CB Datasheet HTML 13Page - STMicroelectronics TDA7415CB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Features
TDA7415CB
10/50
3
Features
The TDA7415CB is composed of four major building blocks. - The IN-section, the spectrum-
analyzer, the main signal processing path and the OUT-section; Individually featuring:
IN-section
●
Three independent signal-paths (front, rear and auxiliary) with independent soft-mute.
●
Six stereo inputs; 3 single ended; 1 single ended or full differential mono; 2 quasi-
differential.
●
±15dB level-adjust with 1dB steps.
●
Pin-accessible and/or I2C/SPI-controlled soft-mute (direct mute) for each signal path.
Spectrum-analyzer
●
7-band, fully integrated 2nd-order band-pass filters with programmable filter quality for
different visual behavior.
●
Dedicated one or two-wire serial port for analog data-readout.
●
Analog output voltage 3,3V-
μP compatible.
Main signal processing path
●
±15dB level-adjust with 1dB steps.
●
Fully integrated bass-, middle- and treble-tone control. All filters offer 2nd-order
frequency response with programmable filter quality and center frequency.
●
Room-acoustics notch filter (Room-EQ) allows the suppression of primary car-body
resonance.
OUT-section
●
Three independent signal-paths (front, rear and others) with individual soft-mute.
●
Four AC-coupled, single ended stereo inputs.
●
Pin-accessible soft-mute (direct mute), for each signal path.
●
I2C/SPI-controlled soft-mute, independent for all six (mono) channels
●
Main signal path monitor-select (pre/post tone control).
●
L/R-channel independent phone, navigation or phone/navigation-mix signal interrupts
for front signal path; L/R-channel independent phone or navigation interrupts for rear-
and others-path.
●
2nd-order frequency response high-pass filters for front- and rear-signal path.
●
2nd-order frequency response subwoofer low-pass filter for others-signal path.
●
Soft-step volume with 79 to 25dB range for each signal path.
●
Four dedicated outputs for an internal (on-board) power amplifier.
●
Six 4VRMS line-driver outputs for an external (remote) power amplifier.
●
Offset voltage detection circuit for on-board power amplifier failure diagnosis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50