| Zakładka z wyszukiwarką danych komponentów |
|
L79L08AB Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L79L08AB Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 22 page ![]() Electrical characteristics L79LxxAB - L79LxxAC - L79LxxC 8/22 Table 7. Electrical characteristics of L79L09 (refer to the test circuits, TJ = 0 to 125 °C, VI = -15 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C -8.28-9-9.72 V VO Output voltage IO = 1 to 40 mA, VI = -11.5 to -23 V -8.1 -9.9 V IO = 1 to 70 mA, VI = -15 V -8.1 -9.9 ΔVO Line regulation VI = -11.5 to -23 V, TJ = 25°C 250 mV VI = -12 to -23 V, TJ = 25°C 200 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25°C 80 mV IO = 1 to 40 mA, TJ = 25°C 40 Id Quiescent current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ΔId Quiescent current change IO = 1 to 40 mA 0.2 mA VI = -12 to -23 V 1.5 eN Output noise voltage B =10Hz to 100kHz, TJ = 25°C 70 µV SVR Supply voltage rejection VI = -12 to -23V, f = 120Hz IO = 40 mA, TJ = 25°C 36 44 dB Vd Dropout voltage 1.7 V Table 8. Electrical characteristics of L79L12 (refer to the test circuits, TJ = 0 to 125 °C, VI = - 19 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C -11.1 -12 -12.9 V VO Output voltage IO = 1 to 40 mA, VI = -14.5 to -27 V -10.8 -13.2 V IO = 1 to 70 mA, VI = -19 V -10.8 -13.2 ΔVO Line regulation VI = -14.5 to -27 V, TJ = 25°C 250 mV VI = -16 to -27 V, TJ = 25°C 200 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25°C 100 mV IO = 1 to 40 mA, TJ = 25°C 50 Id Quiescent current TJ = 25°C 6.5 mA TJ = 125°C 6 mA ΔId Quiescent current change IO = 1 to 40 mA 0.2 mA VI = -16 to -27 V 1.5 eN Output noise voltage B =10Hz to 100kHz, TJ = 25°C 80 µV SVR Supply voltage rejection VI = -15 to -25V, f = 120Hz IO = 40 mA, TJ = 25°C 36 42 dB Vd Dropout voltage 1.7 V |