| Zakładka z wyszukiwarką danych komponentów |
|
AC1060R-R13_ Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
AC1060R-R13_ Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions |
|
1 / 4 page ![]() AC1060R Series – Air Coil Inductors Features n High Q value, self-resonant frequency n Tight tolerance n Epoxy cover for mechanical stability and pick & place n Surface mount n RoHS compliant* Applications n High frequency TV and radio receivers n Radio transmitters n RF amplifiers n Tuning applications Additional Information Click these links for more information: PRODUCT SELECTOR TECHNICAL LIBRARY INVENTORY SAMPLES CONTACT Electrical Specifications @ 25 °C Bourns Part Number Inductance Q Min. Test Frequency (MHz) SRF (GHz) Min. DCR (mW) Max. Irms (A) Max. L (nH) Tol. (%) AC1060R-90N_ 90 ±2, ±5 95 50 1.140 15 3.5 AC1060R-R11_ 111 87 1.020 15 3.5 AC1060R-R13_ 130 87 0.900 20 3.0 AC1060R-R17_ 169 95 0.875 25 3.0 AC1060R-R20_ 206 95 0.800 30 3.0 AC1060R-R22_ 222 92 0.730 35 3.0 AC1060R-R24_ 246 95 0.685 35 3.0 AC1060R-R30_ 307 95 0.660 35 3.0 AC1060R-R38_ 380 95 0.590 50 2.5 AC1060R-R42_ 422 95 0.540 60 2.5 AC1060R-R49_ 491 95 0.535 65 2.0 AC1060R-R53_ 538 87 0.490 90 2.0 Note: Underscore indicates Inductance Tolerance Code: G = ±2 %, J = ±5 % General Specifications Operating Temperature ................................ -25 °C to +125 °C Storage Temperature .................................. -25 °C to +85 °C Temperature Rise ...........................15 °C Moisture Sensitivity Level......................1 ESD Classification (HBM)..................N/A Electrical Schematic Materials Wire ............................Enameled Copper Cover.............................................Epoxy Terminal................................... Sn/Ag/Cu Packaging...... 1000 pcs. per 13-inch reel Soldering Profile Tp Tsmax 25 Time 25 °C to Peak Time TL Tc -5 °C tp tL MAX. RAMP UP RATE = 3 °C/SEC. MAX. RAMP DOWN RATE = 6 °C/SEC. PREHEAT AREA Tsmin ts REFLOW TIMES: 3 TIMES MAX. Profile Feature Pb Free Assembly Preheat - Temperature Min. (Tsmin) - Temperature Max. (Tsmax) - Time(ts) from Tsmin to Tsmax 150 °C 200 °C 60-120 seconds Ramp-up Rate (TL to Tp) 3 °C/second max. Liquidous temperature (TL) Time (tL) maintained above TL 217 °C 60-150 seconds Peak package body temperature (Tp) 260 °C Time (tp) at Tc - 5 °C (Tp should be equal to or less than Tc) < 30 seconds Ramp-Down Rate (Tp to TL) 6 °C/second max. Time 25 °C to Peak Temperature 8 minutes max. WARNING Cancer and Reproductive Harm www.P65Warnings.ca.gov *RoHS Directive 2015/863, Mar 31, 2015 and Annex. Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. |
Podobny numer części - AC1060R-R13_ |
|
Podobny opis - AC1060R-R13_ |