Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADMV1530 Arkusz danych(PDF) 21 Page - Analog Devices

Numer części ADMV1530
Szczegółowy opis  5 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADMV1530 Arkusz danych(HTML) 21 Page - Analog Devices

Back Button ADMV1530 Datasheet HTML 17Page - Analog Devices ADMV1530 Datasheet HTML 18Page - Analog Devices ADMV1530 Datasheet HTML 19Page - Analog Devices ADMV1530 Datasheet HTML 20Page - Analog Devices ADMV1530 Datasheet HTML 21Page - Analog Devices ADMV1530 Datasheet HTML 22Page - Analog Devices ADMV1530 Datasheet HTML 23Page - Analog Devices ADMV1530 Datasheet HTML 24Page - Analog Devices ADMV1530 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
ADMV1530
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 21 of 40
Figure 71. Input P1dB vs. RF Frequency at Various Temperatures,
LO = 19 dBm
Figure 72. Input P1dB vs. RF Frequency at Various LO Power Levels,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com