Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADPL42002ARDZ-5.0-R7 Arkusz danych(PDF) 19 Page - Analog Devices

Numer części ADPL42002ARDZ-5.0-R7
Szczegółowy opis  20V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADPL42002ARDZ-5.0-R7 Arkusz danych(HTML) 19 Page - Analog Devices

Back Button ADPL42002ARDZ-5.0-R7 Datasheet HTML 14Page - Analog Devices ADPL42002ARDZ-5.0-R7 Datasheet HTML 15Page - Analog Devices ADPL42002ARDZ-5.0-R7 Datasheet HTML 16Page - Analog Devices ADPL42002ARDZ-5.0-R7 Datasheet HTML 17Page - Analog Devices ADPL42002ARDZ-5.0-R7 Datasheet HTML 18Page - Analog Devices ADPL42002ARDZ-5.0-R7 Datasheet HTML 19Page - Analog Devices ADPL42002ARDZ-5.0-R7 Datasheet HTML 20Page - Analog Devices ADPL42002ARDZ-5.0-R7 Datasheet HTML 21Page - Analog Devices ADPL42002ARDZ-5.0-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
ADPL42002
analog.com
Rev. 1
19 of 22
PRINTED CIRCUIT BOARD LAYOUT CONSIDERATIONS
Heat dissipation from the package can be improved by increasing the amount of copper attached to the pins of the
ADPL42002. However, a point of diminishing returns is eventually reached, beyond which an increase in the copper
size does not yield significant heat dissipation benefits.
Place the input capacitor as close as possible to the VIN and GND pins. Place the output capacitor as close as possible
to the VOUT and GND pins. The use of 0805 or 1206 size capacitors and resistors achieves the smallest possible
footprint solution on boards where area is limited.
Figure 33. Example LFCSP PCB Layout
Figure 34. Example SOIC PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22