| Zakładka z wyszukiwarką danych komponentów |
|
TC9256AFG Arkusz danych(PDF) 14 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC9256AFG Arkusz danych(HTML) 14 Page - Toshiba Semiconductor |
|
14 / 34 page ![]() TC9256, 57APG/AFG 2006-07-14 14 2. General-Purpose Counter Circuit Configuration The general-purpose counter section consists of input amps, a gate time control circuit and a 20-bit binary counter. 3. General-Purpose Counter Measurement Timing 0 < T1 <= 0.25 (µs), 0 < T2 <= 1 (ms) Note1: IFIN1 and IFIN2 input have built-in amps. Connecting a capacitor permits low-amplitude operation. Note2: SCIN is configured for CMOS input; therefore input signals should be logic level. Figure 5 Figure 6 Frequency Measurement Timing Chart Cycle Measurement Timing Chart |