| Zakładka z wyszukiwarką danych komponentów |
|
ECWFD2W394KB Arkusz danych(PDF) 12 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECWFD2W394KB Arkusz danych(HTML) 12 Page - Panasonic Semiconductor |
|
12 / 19 page ![]() Matters to Be Observed When Using This Product ■ The RMS current (effective current) varies depending on the capacitance. The following graphs show allowable RMS currents (effective currents) of typical capacitor types by frequency/capacitance. When actually using these capacitors, measure their voltage/current waveforms and ambient temperatures/self-temperature rise values and give us these measurements with your inquires. Type: ECQE(F) (Polyester) Type: ECWF(A) (Polypropylene) Rating: 250 V DC -> 150 Vrms (sine wave) 60 Hz Rating: 250 V DC -> 125 Vrms (sine wave) 60 Hz Temperature: -40 ℃ to 85 ℃ (capacitor wall temperature) Temperature: -40 ℃ to 85 ℃ (capacitor wall temperature) ■ When the capacitor is used in a switching circuit or snubber circuit, an instantaneous flow of large pulse current causes the capacitor to locally generate heat. As a result, the film deposit scatters off, which may decreases the capacitance of the capacitor or put the capacitor in an open state. This local heating may trigger a smoke generation or ignition incident. ■ A pulse current value (10000 times) can be given as the product of dV/dt (V/µs) and a capacitance (µF) that are specified in the delivery specification sheet. dV/dt is determined by the element structure. ■ When the capacitor is used in a large-current pulse circuit, keep the pulse current value within the allowable pulse current (Ao-p). When applying a pulse current 10000 times or more, please contact us to discuss the matter separately. 23-Apr-25 5.0 1.0 0.5 0.0 10 100 50 4.5 4.0 3.5 3.0 2.5 2.0 1.5 10.0μF 4.7μF 2.2μF 1.0μF 0.47μF 0.22μF 0.10μF 0.047μF 0.022μF 0.010μF 100 50 Frequency ( kHz) Frequency ( kHz) |