| Zakładka z wyszukiwarką danych komponentów |
|
ECWFD2J335KB Arkusz danych(PDF) 17 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECWFD2J335KB Arkusz danych(HTML) 17 Page - Panasonic Semiconductor |
|
17 / 19 page ![]() Matters to Be Observed When Using This Product ■ The heat-resistant temperature of a capacitor varies depending on the type of a dielectric film used and on the structure and manufacturing method of the capacitor. When mounting the capacitor on a board, set the mounting temperature such that the internal temperature of the capacitor (see the figure on the right) is equal to or lower than the mounting heat-resistant temperature listed in the following table. When a capacitor is sent through a high-temperature atmosphere after being subjected to the (flow) soldering process, check the mounting temperature including the temperature of the capacitor in the high-temperature atmosphere. ■ Set temperature conditions for soldering within the ranges shown in the graph on the right (make sure to confirm that the set temperature conditions are equal to or lower than the mounting heat-resistant temperature because temperature conditions vary significantly depending on the equipment structure). Carry out no more than two soldering cycles and in such a way that the second soldering cycle is only carried out after the capacitor temperature returns to a normal temperature following the end of the first cycle. <Condition example> ■ Since the mounting heat-resistant temperature of the capacitor is low, avoid running the capacitor through an adhesive curing oven for fixing chip components. In the oven, the capacitor is exposed to heat higher than the mounting heat-resistant temperature, which causes the dielectric film to thermally shrink, thus causing a short failure. ■ When a film capacitor is used with chip components, mount the film capacitor and solder it after the adhesive has cured. ■ Do not perform reflow soldering for the capacitor. During reflow soldering, if heat higher than the mounting heat-resistant temperature is applied to the capacitor, it could damage the exterior resin and impair the capacitor characteristics. 23-Apr-25 Capacitor body There is a certain type of capacitor that must be lifted upward from the printed board. (processed product) Preheating At 120 ℃ or less for 1 minute or less (the preheating time and final temperature reached around the land on the back of the board) Polyester-based ECQE(F) ― 120 ℃ ECQE(B), ECQE(T), ECQUL, ECQUG 160 ℃ ― ECWFD 450 V 135 ℃ ― ECQUA, ECWFE 450 V 125 ℃ ― ECWF(L) 400 V / 0.12 μF to 2.4 μF, ECWF(L) 630 V / 0.047 μF to 1.3 μF, ECWFE 630 V, ECWFG 600 to 1100 V, ECWFJ 800 V, 1100 V 145 ℃ 125 ℃ ECWH(A), ECWH(V), ECWFD 630 V 135 ℃ 125 ℃ Mounting conditions (lead-type) * Target capacitors: ECQE, ECWF, ECWH, and ECQU Printed circuit board Board thickness of 0.8 mm or more ECWH(C) 140 ℃ 125 ℃ Dielectric material Type Mounting heat-resistant temperature (peak value) Measurement position A Measurement position B Polypropylene- based ECWF(L) 400 V / 0.022 μF to 0.11 μF, ECWF(L) 630 V / 0.01 μF to 0.043 μF, ECWF(A) 135 ℃ 125 ℃ Metal Capacitor Thermocouple (ø 0.1) (measurement position A: metal-sprayed part) Thermocouple (ø 0.1) (measurement position B: capacitor element interior) Solder iron Solder dipping 400 380 360 340 320 300 280 260 240 220 0 1 2 3 4 5 6 7 8 Soldering time (s) |