| Zakładka z wyszukiwarką danych komponentów |
|
SM9503AV Arkusz danych(PDF) 8 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM9503AV Arkusz danych(HTML) 8 Page - Nippon Precision Circuits Inc |
|
8 / 9 page ![]() SM9503A NIPPON PRECISION CIRCUITS INC.—8 Decoder Circuit The detector output and peak/bottom hold mid-level potential reference are used to decode the time code sig- nal, which is output on pin OUT. The output is active-LOW, so that the output is LOW when the input ampli- tude is HIGH. Standby Function When PON is open (or HIGH), the device is in standby mode and the current consumption is reduced. Receiver operation starts when PON goes LOW. PON Mode OUT Open (or HIGH) Standby HIGH LOW Operating Time code Peak hold Bottom hold Mid-level potential Decoder OUT output Rectifier LPF VDD potential Peak/ Bottom Hold LPF waveform VDD potential VSS potential VDD potential |