Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ECWFD2J823K4 Arkusz danych(PDF) 2 Page - Panasonic Semiconductor

Numer części ECWFD2J823K4
Szczegółowy opis  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2J823K4 Arkusz danych(HTML) 2 Page - Panasonic Semiconductor

  ECWFD2J823K4 Datasheet HTML 1Page - Panasonic Semiconductor ECWFD2J823K4 Datasheet HTML 2Page - Panasonic Semiconductor ECWFD2J823K4 Datasheet HTML 3Page - Panasonic Semiconductor ECWFD2J823K4 Datasheet HTML 4Page - Panasonic Semiconductor ECWFD2J823K4 Datasheet HTML 5Page - Panasonic Semiconductor ECWFD2J823K4 Datasheet HTML 6Page - Panasonic Semiconductor ECWFD2J823K4 Datasheet HTML 7Page - Panasonic Semiconductor ECWFD2J823K4 Datasheet HTML 8Page - Panasonic Semiconductor ECWFD2J823K4 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ECWFD series
*: In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
■ Packing quantity : 100 pcs./bag
■ Taping style
Unit
:mm
*:max.
* Please check the product drawing for the shape of the lead wire forming.
The above diagram shows the taping dimensions, and the lead wire forming shape is an example.
* H1 dimension is based on insertion machine “Panasert RH series” made by Panasonic. Consult with Panasonic technical staff when using other insertion machines.
■ Packaging specifications
● Lead spacing
Unit
:mm
See the column “Rating ·Dimensions · Quantity” for packaging quantity
Specifications
450
630
AB
5.0
E
7.5
F
7.5
0.10 to 0.39
0.47, 0.68, 1.0
0.10 to 0.39
0.47, 0.68, 1.0
0.47 to 2.2
1
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage [DC]
450 V
Peak to peak voltage applied on the capacitor should be less than
240 Vp-p, and zero to peak voltage should be less than 450 Vo-p.
(Derating of rated voltage by 0.62 %/°C at more than 85 °C)
630 V
−40 ℃ to +110 ℃
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
06-Aug-24
12.7
30.0
15.0
12.7
15.0
15.0
16.0
34.0
44.0
44.0
P4/Q4
3
P3/Q3
4
P4/Q4
4
4
4
H1*
5.0
7.5
630 V
450 V
R. voltage
(V) [DC]
Style
630 V
0.01 μF to 4.7 μF
(20 °C, 100 V, 60 s)
Capacitance range
450 V
0.1 μF to 4.7 μF
Capacitance tolerance
±5% (J), ±10 % (K)
−40 ℃ to +105 ℃
 C ≦ 0.33 μF:IR ≧ 9,000 MΩ
(20 °C, 500 V , 60 s)
 C > 0.33 μF:IR ≧ 3,000 MΩ・μF
Insulation resistance (IR)
P
P0
F
H0
450 V
 C ≦ 0.33 μF:IR ≧ 30,000 MΩ
ECWFD
Style Lead spacing
Capacitance range
(μF
)
Series
0.047 to 0.22
0.27 to 0.82
〇
〇
〇
Odd size
taping
E
 C > 0.33 μF:IR ≧ 10,000 MΩ・μF
630 V
E
F
AB
Dissipation factor (tan δ)
tan δ
≦ 0.1 % (20 °C, 1 kHz)
Withstand voltage
Between terminals : Rated voltage (V)×150 % 60 s
Dimensions
Packaging specifications for bulk package
Taping specifications for automatic insertion
Peak to peak voltage applied on the capacitor should be less than
400 Vp-p, and zero to peak voltage should be less than 630 Vo-p.
(Derating of rated voltage by 1.0%/°C at more than 85 °C)
〇
7.5
16.0
16.0
F
〇
〇
Taping style
suffix
Packing
Odd size
taping
Crimped
taping
AB
〇
〇
Crimped lead
(Suffix Q)
L max.
T max.
L max.
L max.
F
±1.0
S
±0.8
S
±0.8
Marking
Marking
Marking
Marking
Straight
Crimped lead
(Suffix B)
Cut lead(Suffix C)
Type B
Type D
ød
±0.05
Copper-clad steel-wire
Style AB
Style E
Style F
P
P0
F
P
P0
F
P0
F
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com