Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LS75 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części SN74LS75
Szczegółowy opis  4-BIT BISTABLE LATCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LS75 Arkusz danych(HTML) 6 Page - Texas Instruments

  SN74LS75 Datasheet HTML 1Page - Texas Instruments SN74LS75 Datasheet HTML 2Page - Texas Instruments SN74LS75 Datasheet HTML 3Page - Texas Instruments SN74LS75 Datasheet HTML 4Page - Texas Instruments SN74LS75 Datasheet HTML 5Page - Texas Instruments SN74LS75 Datasheet HTML 6Page - Texas Instruments SN74LS75 Datasheet HTML 7Page - Texas Instruments SN74LS75 Datasheet HTML 8Page - Texas Instruments SN74LS75 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LS75DR
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
SN74LS75NSR
SOP
NS
16
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9