| Zakładka z wyszukiwarką danych komponentów |
|
STM32G474VB Arkusz danych(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474VB Arkusz danych(HTML) 84 Page - STMicroelectronics |
|
84 / 232 page ![]() Electrical characteristics STM32G474xB STM32G474xC STM32G474xE 84/232 DS12288 Rev 1 PD Power dissipation at TA = 125 °C for suffix 3(4) LQFP128 - - 100 mW LQFP100 - - 100 LQFP80 - - TBD LQFP64 - - 97 LQFP48 - - 94 UFQFPN48 - - 194 TFBGA100 - - 162 WLCSP81 - - 111 TA Ambient temperature for the suffix 6 version Maximum power dissipation -40 85 °C Low-power dissipation(5) -40 105 Ambient temperature for the suffix 3 version Maximum power dissipation -40 125 Low-power dissipation(5) -40 130 TJ Junction temperature range Suffix 6 version -40 105 °C Suffix 3 version -40 130 1. When RESET is released functionality is guaranteed down to VBOR0 Min. 2. This formula has to be applied only on the power supplies related to the IO structure described by the pin definition table. Maximum I/O input voltage is the smallest value between MIN(VDD, VDDA)+3.6 V and 5.5V. 3. For operation with voltage higher than Min (VDD, VDDA) +0.3 V, the internal Pull-up and Pull-Down resistors must be disabled. 4. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Section 6.9: Thermal characteristics). 5. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Section 6.9: Thermal characteristics). Table 17. General operating conditions (continued) Symbol Parameter Conditions Min Max Unit |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |