| Zakładka z wyszukiwarką danych komponentów |
|
STM32G474VB Arkusz danych(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474VB Arkusz danych(HTML) 87 Page - STMicroelectronics |
|
87 / 232 page ![]() DS12288 Rev 1 87/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 5.3.4 Embedded voltage reference The parameters given in Table 20 are derived from tests performed under the ambient temperature and supply voltage conditions summarized in Table 17: General operating conditions. Table 20. Embedded internal voltage reference Symbol Parameter Conditions Min Typ Max Unit VREFINT Internal reference voltage –40 °C < TA < +130 °C 1.182 1.212 1.232 V tS_vrefint (1) 1. The shortest sampling time is determined in the application by multiple iterations. ADC sampling time when reading the internal reference voltage -4(2) 2. Guaranteed by design. -- µs tstart_vrefint Start time of reference voltage buffer when ADC is enable -- 8 12(2) µs IDD(VREFINTBUF) VREFINT buffer consumption from VDD when converted by ADC -- 12.5 20(2) µA ∆VREFINT Internal reference voltage spread over the temperature range VDD = 3 V - 5 7.5(2) mV TCoeff Average temperature coefficient –40°C < TA < +130°C - 30 50(2) ppm/°C ACoeff Long term stability 1000 hours, T = 25°C - 300 1000(2) ppm VDDCoeff Average voltage coefficient 3.0 V < VDD < 3.6 V - 250 1200(2) ppm/V VREFINT_DIV1 1/4 reference voltage - 24 25 26 % VREFINT VREFINT_DIV2 1/2 reference voltage 49 50 51 VREFINT_DIV3 3/4 reference voltage 74 75 76 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |