| Zakładka z wyszukiwarką danych komponentów |
|
STM32G474VB Arkusz danych(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474VB Arkusz danych(HTML) 123 Page - STMicroelectronics |
|
123 / 232 page ![]() DS12288 Rev 1 123/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 High-speed external clock generated from a crystal/ceramic resonator The high-speed external (HSE) clock can be supplied with a 4 to 48 MHz crystal/ceramic resonator oscillator. All the information given in this paragraph are based on design simulation results obtained with typical external components specified in Table 44. In the application, the resonator and the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details on the resonator characteristics (frequency, package, accuracy). For CL1 and CL2, it is recommended to use high-quality external ceramic capacitors in the 5 pF to 20 pF range (typ.), designed for high-frequency applications, and selected to match the requirements of the crystal or resonator (see Figure 20). CL1 and CL2 are usually the same size. The crystal manufacturer typically specifies a load capacitance which is the series combination of CL1 and CL2. PCB and MCU pin capacitance must be included (10 pF can be used as a rough estimate of the combined pin and board capacitance) when sizing CL1 and CL2. Table 44. HSE oscillator characteristics(1) 1. Guaranteed by design. Symbol Parameter Conditions(2) 2. Resonator characteristics given by the crystal/ceramic resonator manufacturer. Min Typ Max Unit fOSC_IN Oscillator frequency - 4 8 48 MHz RF Feedback resistor - - 200 - kΩ IDD(HSE) HSE current consumption During startup(3) 3. This consumption level occurs during the first 2/3 of the tSU(HSE) startup time -- 5.5 mA VDD = 3 V, Rm = 30 Ω, CL = 10 pF@8 MHz -0.44 - VDD = 3 V, Rm = 45 Ω, CL = 10 pF@8 MHz -0.45 - VDD = 3 V, Rm = 30 Ω, CL = 5 pF@48 MHz -0.68 - VDD = 3 V, Rm = 30 Ω, CL = 10 pF@48 MHz -0.94 - VDD = 3 V, Rm = 30 Ω, CL = 20 pF@48 MHz -1.77 - Gm Maximum critical crystal transconductance Startup - - 1.5 mA/V tSU(HSE)(4) 4. tSU(HSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 8 MHz oscillation is reached. This value is measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer Startup time VDD is stabilized - 2 - ms |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |