| Zakładka z wyszukiwarką danych komponentów |
|
STM32G474VB Arkusz danych(PDF) 177 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474VB Arkusz danych(HTML) 177 Page - STMicroelectronics |
|
177 / 232 page ![]() DS12288 Rev 1 177/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 I2S characteristics Unless otherwise specified, the parameters given in Table 90 for I2S are derived from tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage conditions summarized in Table 17: General operating conditions, with the following configuration: • Output speed is set to OSPEEDRy[1:0] = 10 • Capacitive load C=30pF • Measurement points are done at CMOS levels: 0.5 VDD Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate function characteristics (CK,SD,WS). Note: Refer to the reference manual RM0440 "STM32G4 Series advanced Arm®-based 32-bit MCUs" I2S section for more details about the sampling frequency (Fs), fMCK, fCK, DCK values reflect only the digital peripheral behavior, source clock precision might slightly change the values DCK depends mainly on ODD bit value. Digital contribution leads to a min of (I2SDIV/(2*I2SDIV+ODD) and a max (I2SDIV+ODD)/(2*I2SDIV+ODD) and Fs max supported for each mode/condition. Table 90. I2S characteristics(1) Symbol Parameter Conditions Min Max Uni t fMCLK I2S Main clock output - 256x8 K 256 *Fs(2) MH z fCK I2S clock frequency Master data - 64xFs MH z Slave data - 64xFs DCK I2S clock frequency duty cycle Slave receiver 30 70 % tv(WS) WS valid time Master mode - 6 ns th(WS) WS hold time Master mode 3 - Slave mode 2 - tsu(WS) WS setup time Slave mode 4 - tsu(SD_MR) Data input setup time Master receiver 3 - tsu(SD_SR) Slave receiver 4 - th(SD_MR) Data input hold time Master receiver 4 - th(SD_SR) Slave receiver 2 - tv(SD_ST) Data output valid time Slave transmitter (after enable edge) 2.7 V ≤ VDD ≤ 3.6 V - 15 1.65 V ≤ VDD ≤ 3.6 V - 22 tv(SD_MT) Master transmitter (after enable edge) - 3 th(SD_ST) Data output hold time Slave transmitter (after enable edge) 7 - th(SD_MT) Master transmitter (after enable edge) 1 - 1. Guaranteed by characterization results, not tested in production. 2. 256xFs maximum is 49.152 MHz. |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |