Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ARSPTERM Arkusz danych(PDF) 1 Page - Infinite Electronics International, Inc.

Numer części ARSPTERM
Szczegółowy opis  50 Ohm RP-SMA PLUG TERMINATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  L-COM [Infinite Electronics International, Inc.]
Strona internetowa  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARSPTERM Arkusz danych(HTML) 1 Page - Infinite Electronics International, Inc.

  ARSPTERM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REF. 0.61
15.6
RoHS Compliant
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
MISCELLANEOUS:
POWER RATING: 1 WATT
1.50 @ 0~6 GHz
NOTES:
<
VSWR:
FREQUENCY RANGE: 0~6 GHz
IMPEDENCE: 50 OHMS
ELECTRICAL:
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
DESCRIPTION
MATERIAL
FINISH
SHELL
BRASS
NICKEL
BODY
BRASS
NICKEL
CENTER PIN
Phosphor Bronze
GOLD
SLEEVE
BRASS
NICKEL
INSULATOR
TEFLON
---
GASKET
Si-RUBBER
ORANGE
RETAINING RING
BRASS
NICKEL
RESISTOR
50 Ohm
---
ARSP-TERM.SLDDRW
A
B
C
D
A
8
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
ARSP-TERM
1
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
50 Ohm RP-SMA PLUG
CONNECTOR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
UNDIMENSIONED FEATURES
1
MAY OCCUR
COLOR VARIATIONS
CONFIGURATION DETAILS OF
11/05/09 B.Puchaski
ANGULAR TOLERANCES:
09/22/09
ALL = ± 1°
TERMINATOR
B.Puchaski
M.Audas
M.Audas
09/22/09
09/22/09
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
Initial Release
A


Podobny numer części - ARSPTERM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infinite Electronics In...
ARSP-1100 L-COM-ARSP-1100 Datasheet
132Kb / 1P
CON, RP-SMA PLUG CRIMP LMR-100
02/01/2024
ARSP-1202 L-COM-ARSP-1202 Datasheet
123Kb / 1P
CON,RP-SMA PLUG CRIMP LMR200
6/24/03
ARSP-1404 L-COM-ARSP-1404 Datasheet
55Kb / 1P
RP-SMA STRAIGHT PLUG CRIMP FOR RG8/LMR400
11/11/09
ARSP-1700 L-COM-ARSP-1700 Datasheet
48Kb / 1P
RP- SMA FEMALE CRIMP FOR RG58 / LMR195
9/29/09
ARSP-1702 L-COM-ARSP-1702 Datasheet
103Kb / 1P
CON,RP-SMA PLUG R/A LMR195
9/19/05
More results

Podobny opis - ARSPTERM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pomona Electronics
72975 POMONA-72975 Datasheet
123Kb / 1P
SMA PLUG, 50 OHM TERMINATION
logo
Amphenol Corporation
CAPH-HDBNCP-SMAP AMPHENOL-CAPH-HDBNCP-SMAP Datasheet
141Kb / 1P
50 OHM HD BNC PLUG TO SMA PLUG ADAPTER
logo
Samtec, Inc
SMA-P-C-X-ST-CA1 SAMTEC-SMA-P-C-X-ST-CA1 Datasheet
928Kb / 2P
SMA STRAIGHT CABLE PLUG, RG174 & RG316- 50 OHM
01/22/2008
logo
Huber+Suhner, Inc.
32_BNC-50-0-1133_N HUBERSUHNER-32_BNC-50-0-1133_N Datasheet
480Kb / 2P
COAXIAL ADAPTER, BNC - SMA, 50 Ohm, plug / plug (male / male)
32_BNC-SMA-50-11--_U HUBERSUHNER-32_BNC-SMA-50-11--_U Datasheet
1Mb / 2P
COAXIAL ADAPTER, BNC - SMA, 50 Ohm, plug / plug (male / male)
32_MCX-SMA-50-1111_N HUBERSUHNER-32_MCX-SMA-50-1111_N Datasheet
1Mb / 2P
COAXIAL ADAPTER, MCX - SMA, 50 Ohm, plug / plug (male / male)
32_N-SMA-50-111-_N HUBERSUHNER-32_N-SMA-50-111-_N Datasheet
479Kb / 2P
COAXIAL ADAPTER, N - SMA, 50 Ohm, plug / plug (male / male)
32_SMA-50-0-100111_N HUBERSUHNER-32_SMA-50-0-100111_N Datasheet
610Kb / 2P
COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
32_SMA-50-0-52199_N HUBERSUHNER-32_SMA-50-0-52199_N Datasheet
476Kb / 2P
COAXIAL ADAPTER, SMA - TNC, 50 Ohm, plug / plug (male / male)
11_SMA-50-2-110133_N HUBERSUHNER-11_SMA-50-2-110133_N Datasheet
5Mb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Straight cable plug (male)
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com