| Zakładka z wyszukiwarką danych komponentów |
|
ERJS1D01002V Arkusz danych(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ERJS1D01002V Arkusz danych(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 8 page ![]() Anti-Sulfurated Thick Film Chip Resistors *1: Use it on the condition that the case temperature is below the upper category temperature. *2: Rated Continuous Working Voltage (RCWV) shall be determined from RCWV= √Power Rating × Resistance Value, or Limiting Element Voltage listed above, whichever less. *3: Overload Test Voltage (OTV) shall be determined from OTV=Specified Magnification (refer to performance) × RCWV or Maximum Overload Voltage listed above, whichever less. 【Low resistance type】 *1: Use it on the condition that the case temperature is below the upper category temperature. ・ Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Power Rating × Resistance Value. ・ Overload Test Voltage (OTV) shall be determined from OTV=Specified Magnification (refer to performance) × RCW. 【For jumper] Power derating curve For resistors operated in ambient temperatures above 70 ℃, power rating shall be derated in accordance with the figure below. *1: Overload test current ±1 ±5 ERJU0X (01005) Ratings Resistance range (Ω) (E24) (E24) (E24) ERJU01 (0201) 0.05 25 50 ±1 0.031 15 30 Part No. (inch size) Power rating*1 (70 ℃)(W) Limiting element voltage*2 (V) Maximum overload voltage*3 (V) Resistance tolerance (%) ERJS03 ERJU03 (0603) 0.1 ±0.5, ±1 Part No. (inch size) 1 to 10 M 75 150 ±0.5, ±1 Should a safety concern arise regarding this product, please be sure to contact us immediately. 1-Sep-20 100 mΩ or less Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. ±0.5, ±1 ±5 1.0 200 Resistance range (Ω) 0.22 to 1 Maximum overload current*1 (E24) Grade 0 AEC-Q200 Grade (E24) ERJS1T ERJU1T (2512) ±5 200 0.75 200 1 to 10 M 500 ±0.5, ±1 500 ERJS1D ERJU1D (2010) Power rating*1 (70 ℃)(W) T.C.R. (×10-6/K) 0 to +150 Category temperature range ( ℃) (E24) 1 to 10 M 0.25 ±1, ±2, ±5 ERJS02: 1 to 3.3 M (E24) ERJU02: 1 to 10 M 0.5 A 1 A 1 A 2 A 2 A 4 A Rated current Resistance ERJU6S (0805) Part No. ERJU6Q (0805) ERJS1T,ERJU1T ERJU0X ERJU01 ERJS02,ERJU02 ERJS03,ERJU03 ERJS06,ERJU06 ERJS08,ERJU08 ERJS14,ERJU14 ERJS12,ERJU12 ERJS1D,ERJU1D ±5 –55 to +155 (E24) ±5 1 to 10 M 1 to 10 M ±0.5, ±1 (E24) (E24, E96) 1 to 1 M 0.1 to 0.2 Resistance tolerance (%) 500 1 to 1 M (E24) (E24, E96) (E24, E96) ±5 0.25 ERJS14 ERJU14 (1210) ERJS12 ERJU12 (1812) 1 to 1 M ERJS02 ERJU02 (0402) ±5 0.1 50 100 ERJS06 ERJU06 (0805) ERJS08 ERJU08 (1206) 400 ±0.5, ±1 ±5 ±0.5, ±1 ±5 0.125 150 200 200 0.5 200 400 ±0.5, ±1 ±5 0.75 10 to 1 M (E24, E96) 1 to 10 M 1 to 10 M 1 to 1 M 1 to 1 M 1 to 1 M 1 to 1 M 10 to 1 M (E24) (E24, E96) (E24) (E24, E96) (E24, E96) (E24, E96) (E24, E96) (E24, E96) 1 to 1 M 1 to 1 M 1 to 1 M Category temperature range ( ℃) Grade 0 - AEC- Q200 Grade : –100 to +600 : ±200 (± 5 %) : ±100 (±0.5 %, ±1 %) : –400 to +150 : –100 to +600 : ±200 : –400 to +150 : ±200 : ±300 : –100 to +600 T.C.R. (×10-6/K) R<10 Ω 10 Ω ≤R<100 Ω 100 Ω ≤R R<10 Ω 10 Ω to 1 MΩ 1 MΩ<R R<10 Ω 10 Ω to 1 MΩ 1 MΩ<R –55 to +155 –55 to +125 -60 -20 0 20 60 20 40 60 80 100 80 100 140 180 0 -40 40 160 120 -55 ℃ 70 ℃ 155 ℃ 125 ℃ ERJU0X, U01 Ambient temperature (℃) |