| Zakładka z wyszukiwarką danych komponentów |
|
SHT40-AD1F-R2 Arkusz danych(PDF) 5 Page - Sensirion AG Switzerland |
|
|
|||||||||||||||||||||||||||||
SHT40-AD1F-R2 Arkusz danych(HTML) 5 Page - Sensirion AG Switzerland |
|
5 / 24 page ![]() www.sensirion.com / D1 Version 7.1 – March 2025 5 / 24 Figure 2. SHT40 typical and maximal relative humidity accuracy at 25 °C. Figure 3. SHT41 typical and maximal relative humidity accuracy at 25 °C. Figure 4. SHT43 typical and maximal relative humidity accuracy at 25 °C. Figure 5. SHT45 typical, maximal and long-term production11 relative humidity accuracy at 25 °C. 2.1.1 Relative Humidity Accuracy at the Extended Temperature Range The typical RH accuracy tolerances in the range of T = 0 °C … 80 °C are given in Figure 6, Figure 7, Figure 8, and Figure 9. SHT40 |typ. Delta %RH| 100 3 90 2 80 70 1.8 60 50 40 30 20 2 10 0 3 0 10 20 25 30 40 50 60 70 80 Temperature (°C) SHT41 |typ. Delta %RH| 100 2 90 80 70 1.8 60 50 40 30 20 2 10 0 0 10 20 25 30 40 50 60 70 80 Temperature (°C) Figure 6. Typical RH accuracy tolerance over humidity and temperature for SHT40. Figure 7. Typical RH accuracy tolerance over humidity and temperature for SHT41. 11 Long-term production is the mean standard deviation of accuracy over one complete production year measured at 25°C. ±0 ±2 ±4 ±6 ±8 0 10 20 30 40 50 60 70 80 90 100 Relative Humidity (%RH) SHT40 typ SHT40 max RH (%RH) ±0 ±2 ±4 ±6 ±8 0 10 20 30 40 50 60 70 80 90 100 Relative Humidity (%RH) SHT41 typ SHT41 max RH (%RH) ±0 ±2 ±4 ±6 ±8 0 10 20 30 40 50 60 70 80 90 100 Relative Humidity (%RH) SHT43 typ SHT43 max RH (%RH) ±0 ±2 ±4 ±6 ±8 0 10 20 30 40 50 60 70 80 90 100 Relative Humidity (%RH) SHT45 typ SHT45 max SHT45 long-term production ΔRH (%RH) |