| Zakładka z wyszukiwarką danych komponentów |
|
XHS35F-50-R2-SS-EPROGA Arkusz danych(PDF) 5 Page - Sensata Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
XHS35F-50-R2-SS-EPROGA Arkusz danych(HTML) 5 Page - Sensata Technologies, Inc. |
|
5 / 8 page ![]() Page 5 Copyright © 2024 Sensata Technologies, Inc. www.sensata.com RESOLUTIONS Standard resolutions: 1000, 1024, 1800, 2000, 2048, 2500, 3600, 4000, 4096, 5000, 7200, 10000 Low resolutions (1): (not found in the Standard resolutions range): Any resolution within the 1-2500ppr range. High resolutions: (not found in the Standard resolutions range) All multipliers of 1000, 1024, 1800, 2500 from 1 to 200. Programmable resolutions (1) (28/X electronics): • Full programmable (XPROG): from 1 to 10kppr with direction and alternate index tracks configuration • Multiplier programmable (1000, 1024, 1800, 2500 native): Programmability of the native resolution multiplier from 1 to 200 with direction and all index tracks configurations possibilities All those versions can be configured with one of the following programming tool P/N (ordered separately): EAP-004 (for encoder with ‘’SM18‘’ connection) Programming procedure available in Instruction Manual. (1) Signal tolerances available in Instructions Manual (2) Signals are shown for CW rotation when viewed from the face side of the encoder (3) Non-standard index widths and multiple indices are available by special order. Consult factory. (4) With dual output option, both AB signals are not synchronized, and Index signals locations are displaced around 180° (mechanical) Channel Synchronization(4) Index track gating possibilities(2)(3) XPROG (Full Programmable Version) 1 Cycle = 360° Directions Possibilities(2) or STANDARD CONNECTIONS 0V +V A B Z A/ B/ Z/ Case Ground Shield Drain M18 M18 Connector 10 Pins F D A B C H I J G __ M12 M12 Connector 10 Pins F D A B C H J K G __ M16 - ABZ M16 Connector 7 Pins F D A B C __ __ __ G __ M16 - ABC F D A B __ C E __ G __ CABLE - ABZ PVC Cable 9 Wires BK (Black) RD (Red) YE (Yellow) BU (Blue) OG (Orange) __ __ __ GR (Green) WH (White) CABLE - ABC BK (Black) RD (Red) YE (Yellow) BU (Blue) _ WH/YE (White/ Yellow) WH/BU (White/ Blue) _ GR (Green) WH (White) CABLE - ABZC BK (Black) RD (Red) YE (Yellow) BU (Blue) OG (Orange) WH/YE (White/ Yellow) WH/BU (White/ Blue) WH/OR (White/ Orange) GR (Green) WH (White) |