Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FLPCB Arkusz danych(PDF) 2 Page - TT Electronics.

Numer części FLPCB
Szczegółowy opis  Platon Fire Sprinkler Flowmeters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FLPCB Arkusz danych(HTML) 2 Page - TT Electronics.

  FLPCB Datasheet HTML 1Page - TT Electronics. FLPCB Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Platon Fire Sprinkler
Flowmeters
DS1163
© TT Electronics plc
Issue B 7/2017
Page 2
TT Electronics | Roxspur Measurement & Control Ltd
2 Downgate Drive, Sheffield, S4 8BT, England |Ph: +44(0)114 244 2521
www.roxspur.com | sales@roxspur.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
SPECIFICATION
Orifice Plate:
Indicator Housing:
Accuracy:
Impulse Pipe:
Tube:
Float:
‘O’ Seals
Pressure Test:
Pressure Drop:
Stainless Steel mounted in a 25mm
thick, polyester coated carrier ring
Die-cast aluminum with white polyester
coating and perspex window
±2.5% FSD
Copper with plated brass fittings
100mm scaled borosilicate glass
Stainless Steel
Nitrile
250 psi
At maximum flow rate 65% of the orifice
loss of 354”WG is recovered
FLOW RANGES
Every effort has been made during the preparation of this document to ensure the accuracy of statements and specifications. However, we do not accept
liability for damage, injury, loss or expense caused by errors or omissions made. We reserve the right to withdraw or amend products or
documentation without notice.
Head Office: 2 Downgate Drive, Sheffield, S4 8BT, England
Tel: +44(0)114 244 2521 Fax: +44(0)114 243 4838
LPCB
Reference
Pipe Size
(mm)
Flow Range
(dm³min)
F1/1
80
300/1500
F 1/2
100
500/2500
F 1/3
125
700/3500
F 1/4
150
1000/5000
DIMENSIONS
SPECIFICATION
1.
The orifice plate must be installed between BS10 Table D or E flanges in the pipeline, with at least 5 diameters of straight pipe up
and downstream.
2.
The gauge glass must be in the vertical position. The isolating valves on the pressure tappings must be kept closed when the meter
iiiiiiiiiis not being used.
3.
A spare gauge glass must be available on site.
ALTERNATIVE UNITS
The Shunt Gapmeter Mark 2 is an improved version of this equipment and is approved by LPCB for use on line sizes from 50-200mm.
iiiIndustrial versions of the Shunt Gapmeter are available for use between 25 and 500mm lines.



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com